Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH270F2 Datasheet (PDF) - Nihon Inter Electronics Corporation

PH270F2 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PH270F2
Download  PH270F2 Download
File Size   30.47 Kbytes
Page   2 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description FRD MODULE 270A/200V/trr:150nsec

PH270F2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PH270F2 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PH270F2
Download  PH270F2 Click to download

File Size   30.47 Kbytes
Page   2 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description FRD MODULE 270A/200V/trr:150nsec

PH270F2 Datasheet (HTML) - Nihon Inter Electronics Corporation


PH270F2 Product details

FEATURES
* Isolated Base
* Ultra Fast Recovery
* High Surge Capability
* UL Recognized, File No. E187184

TYPICAL APPLICATIONS
* High Frequency Rectification




Similar Part No. - PH270F2

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PH270F2 NIEC-PH270F2 Datasheet
156Kb / 2P
270A Avg 200 Volts
logo
Kyocera Kinseki Corpota...
PH270F2 KSS-PH270F2 Datasheet
396Kb / 2P
Fast Recovery Diode
logo
Nihon Inter Electronics...
PH270F2 NIEC-PH270F2_1 Datasheet
156Kb / 2P
270A Avg 200 Volts
logo
National Instruments Co...
PH270F2 NI-PH270F2_15 Datasheet
156Kb / 2P
FRD
More results


Similar Description - PH270F2

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC50F4 NIEC-PC50F4 Datasheet
29Kb / 2P
FRD MODULE 50A/400V/TRR:80NSEC
PH270F6 NIEC-PH270F6 Datasheet
30Kb / 2P
FRD MODULE 270A/600V/trr:170nsec
PC50F5 NIEC-PC50F5 Datasheet
29Kb / 2P
FRD MODULE 50A/500V/trr:90nsec
PC50F6 NIEC-PC50F6 Datasheet
29Kb / 2P
FRD MODULE 50A/600V/trr:100nsec
PC100F6 NIEC-PC100F6 Datasheet
30Kb / 2P
FRD MODULE 100A/600V/trr:110nsec
PD50F4 NIEC-PD50F4 Datasheet
29Kb / 2P
FRD MODULE - 50A/400V/trr:80nsec
PD100F6 NIEC-PD100F6 Datasheet
30Kb / 2P
FRD MODULE - 100A/600V/trr:110nsec
PD100F12 NIEC-PD100F12 Datasheet
34Kb / 2P
FRD MODULE - 100A/1200V/trr:250nsec
PD300F12 NIEC-PD300F12 Datasheet
33Kb / 2P
FRD MODULE - 300A/1200V/trr:250nsec
PC30F8 NIEC-PC30F8 Datasheet
32Kb / 2P
FRD MODULE 30A/800V/trr:60nsec
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com