Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD15116 Datasheet (PDF) - Nihon Inter Electronics Corporation

PD15116 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PD15116
Download  PD15116 Download
File Size   175.45 Kbytes
Page   6 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE - 150A/1600V

PD15116 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD15116 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PD15116
Download  PD15116 Click to download

File Size   175.45 Kbytes
Page   6 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE MODULE - 150A/1600V

PD15116 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PD15116

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD15116 NIEC-PD15116 Datasheet
26Kb / 1P
150A Avg 1600 Volts
logo
Kyocera Kinseki Corpota...
PD15116 KSS-PD15116 Datasheet
733Kb / 5P
Diode
logo
Nihon Inter Electronics...
PD15116 NIEC-PD15116_1 Datasheet
26Kb / 1P
150A Avg 1600 Volts
logo
National Instruments Co...
PD15116 NI-PD15116_15 Datasheet
26Kb / 1P
DIODE
More results


Similar Description - PD15116

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC15012 NIEC-PC15012 Datasheet
217Kb / 3P
DIODE MODULE 150A/1200 to 1600V
PCH15012 NIEC-PCH15012 Datasheet
255Kb / 5P
THYRISTOR MODULE 150A/1200 to 1600V
PDT15116 NIEC-PDT15116 Datasheet
323Kb / 9P
THYRISTOR MODULE 150A / 1600V
PT50S16 NIEC-PT50S16 Datasheet
50Kb / 5P
DIODE MODULE 50A /1600V
PT150S12 NIEC-PT150S12 Datasheet
127Kb / 3P
DIODE MODULE 150A/1200V/1600V
logo
Fuji Electric
6RI100P-160 FUJI-6RI100P-160 Datasheet
151Kb / 3P
Diode Module 1600V / 100A
logo
Micross Components
MIMMK150T160UX MICROSS-MIMMK150T160UX Datasheet
2Mb / 4P
1600V 150A thyristor Module RoHS Compliant
MIMMD150F160X MICROSS-MIMMD150F160X Datasheet
1Mb / 2P
1600V 150A Rectifier Module RoHS Compliant
logo
Shindengen Electric Mfg...
MG038D150160A SHINDENGEN-MG038D150160A Datasheet
437Kb / 3P
Bridge Diodes 1600V, 150A
logo
MacMic
MMK150T160UX MACMIC-MMK150T160UX Datasheet
742Kb / 5P
1600V 150A Three Phase DiodeThyristor Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com