Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD15116 Datasheet (PDF) - Nihon Inter Electronics Corporation

PD15116 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PD15116
Download  PD15116 Download
File Size   26.38 Kbytes
Page   1 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 150A Avg 1600 Volts

PD15116 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD15116 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PD15116
Download  PD15116 Click to download

File Size   26.38 Kbytes
Page   1 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 150A Avg 1600 Volts

PD15116 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PD15116

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD15116 NIEC-PD15116 Datasheet
175Kb / 6P
DIODE MODULE - 150A/1600V
logo
Kyocera Kinseki Corpota...
PD15116 KSS-PD15116 Datasheet
733Kb / 5P
Diode
logo
National Instruments Co...
PD15116 NI-PD15116_15 Datasheet
26Kb / 1P
DIODE
More results


Similar Description - PD15116

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT15012 NIEC-PDT15012 Datasheet
248Kb / 4P
150A Avg 1200~1600 Volts
PD150KN16 NIEC-PD150KN16 Datasheet
160Kb / 2P
DIODE 150A Avg 1600 Volts
PD150S16 NIEC-PD150S16 Datasheet
127Kb / 2P
150A Avg 1600 Volts
PC15012 NIEC-PC15012_1 Datasheet
169Kb / 2P
150A Avg 1200 1600 Volts
PD20116 NIEC-PD20116_1 Datasheet
26Kb / 1P
200A Avg 1600 Volts
PDT15116 NIEC-PDT15116_1 Datasheet
412Kb / 3P
150A Avg 1600 Volts
PGH5016AM NIEC-PGH5016AM_1 Datasheet
232Kb / 3P
50A Avg 1600 Volts
PGH10016AM NIEC-PGH10016AM_1 Datasheet
239Kb / 3P
100A Avg 1600 Volts
PT50S16 NIEC-PT50S16_1 Datasheet
284Kb / 2P
50A Avg 1600 Volts
PT150S12 NIEC-PT150S12_1 Datasheet
283Kb / 2P
150A Avg 1200 1600 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com