Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM05 Datasheet (PDF) - SHIKUES Electronics

SM05 Datasheet PDF - SHIKUES Electronics
Part # SM05
Download  SM05 Download
File Size   520.18 Kbytes
Page   3 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description 5V~12Volts ESD Protection Devices

SM05 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM05 Datasheet PDF - SHIKUES Electronics

Part # SM05
Download  SM05 Click to download

File Size   520.18 Kbytes
Page   3 Pages
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics
Description 5V~12Volts ESD Protection Devices

SM05 Datasheet (HTML) - SHIKUES Electronics


SM05 Product details

Features
• For sensitive ESD protection
• Excellent clamping capability
• Low leakage
• ESD rating of class 3(>16KV)per Human Body Mode
• Fast response ,response time less than 1ns.
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
•  Epoxy meets UL 94 V-0 flammability rating
•  Moisture Sensitivity Level 1

Maximum Ratings
• Operating Junction &StorageTemperature: -55°C to +150°C
• Maximum Thermal Resistance: 556°C/W Junction To Ambient




Similar Part No. - SM05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM05 SEMTECH-SM05 Datasheet
171Kb / 7P
TVS Diode Array
logo
Micro Commercial Compon...
SM05 MCC-SM05 Datasheet
416Kb / 2P
Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
SM05 MICROSEMI-SM05 Datasheet
138Kb / 2P
TVSarray Series
logo
ON Semiconductor
SM05 ONSEMI-SM05 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Semtech Corporation
SM05 SEMTECH-SM05 Datasheet
161Kb / 7P
TVS Diode Array
More results


Similar Description - SM05

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD3V3D5 MCC-ESD3V3D5 Datasheet
206Kb / 3P
3.3V~12Volts ESD Protection Devices
ESD3V3D7 MCC-ESD3V3D7 Datasheet
390Kb / 4P
3.3V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3 Datasheet
130Kb / 4P
5V~12Volts ESD Protection Device
ESD3V3D5 MCC-ESD3V3D5_11 Datasheet
284Kb / 3P
3.3V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3_11 Datasheet
209Kb / 4P
5V~12Volts ESD Protection Devices
SM05 MCC-SM05 Datasheet
269Kb / 4P
5V~12Volts ESD Protection Devices
SM12C MCC-SM12C Datasheet
240Kb / 4P
12Volts ESD Protection Devices
SM22 MCC-SM22 Datasheet
322Kb / 4P
12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5_16 Datasheet
237Kb / 3P
3.3V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3_13 Datasheet
241Kb / 4P
5V~12Volts ESD Protection Devices
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com