Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM12C Datasheet (PDF) - Micro Commercial Components

SM12C Datasheet PDF - Micro Commercial Components
Part # SM12C
Download  SM12C Download
File Size   240.85 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 12Volts ESD Protection Devices

SM12C Datasheet (PDF)

Go To PDF Page Download Datasheet
SM12C Datasheet PDF - Micro Commercial Components

Part # SM12C
Download  SM12C Click to download

File Size   240.85 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 12Volts ESD Protection Devices

SM12C Datasheet (HTML) - Micro Commercial Components


SM12C Product details

Features
• For sensitive ESD protection
• Stand-off Voltage:12V
• Low leakage
• ESD rating of class 3(>16KV)per Human Body Mode
• Fast response ,response time less than 1ns.
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1




Similar Part No. - SM12C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SM12C LUGUANG-SM12C Datasheet
1Mb / 4P
Bidirecgtional TVS Didoe Array
logo
TECH PUBLIC Electronics...
SM12C TECHPUBLIC-SM12C Datasheet
2Mb / 4P
2-Line Bl-directional TVS Diode
More results


Similar Description - SM12C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESD3V3D5 MCC-ESD3V3D5 Datasheet
206Kb / 3P
3.3V~12Volts ESD Protection Devices
ESD3V3D7 MCC-ESD3V3D7 Datasheet
390Kb / 4P
3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5_11 Datasheet
284Kb / 3P
3.3V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3_11 Datasheet
209Kb / 4P
5V~12Volts ESD Protection Devices
SM05 MCC-SM05 Datasheet
269Kb / 4P
5V~12Volts ESD Protection Devices
SM22 MCC-SM22 Datasheet
322Kb / 4P
12Volts ESD Protection Devices
ESD5V0D5-TP MCC-ESD5V0D5-TP Datasheet
312Kb / 3P
3.3V~12Volts ESD Protection Devices
ESD3V3D5 MCC-ESD3V3D5_16 Datasheet
237Kb / 3P
3.3V~12Volts ESD Protection Devices
ESD5V0D3 MCC-ESD5V0D3_13 Datasheet
241Kb / 4P
5V~12Volts ESD Protection Devices
logo
SHIKUES Electronics
SM05 SKTECHNOLGY-SM05 Datasheet
520Kb / 3P
5V~12Volts ESD Protection Devices
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com