Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDMB600B12 Datasheet (PDF) - Nihon Inter Electronics Corporation

PDMB600B12 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDMB600B12
Download  PDMB600B12 Download
File Size   157.97 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE Dual 600A 1200V

PDMB600B12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDMB600B12 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDMB600B12
Download  PDMB600B12 Click to download

File Size   157.97 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE Dual 600A 1200V

PDMB600B12 Datasheet (HTML) - Nihon Inter Electronics Corporation


PDMB600B12 Product details

IGBT MODULE Dual 600A 1200V




Similar Part No. - PDMB600B12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB600B12 NIEC-PDMB600B12 Datasheet
187Kb / 3P
600A 1200V
PDMB600B12 NIEC-PDMB600B12_1 Datasheet
187Kb / 3P
600A 1200V
logo
National Instruments Co...
PDMB600B12 NI-PDMB600B12_15 Datasheet
187Kb / 3P
IGBT
More results


Similar Description - PDMB600B12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB200B12C NIEC-PDMB200B12C Datasheet
116Kb / 3P
IGBT MODULE Dual 200A 1200V
PDMB300B12 NIEC-PDMB300B12 Datasheet
116Kb / 3P
IGBT MODULE Dual 300A 1200V
PHMB600B12 NIEC-PHMB600B12 Datasheet
113Kb / 3P
IGBT MODULE Single 600A 1200V
logo
Micross Components
MIMMG600KR120U MICROSS-MIMMG600KR120U Datasheet
2Mb / 5P
1200V 600A IGBT Module RoHS Compliant
logo
MacMic
MMG600K120U6HN MACMIC-MMG600K120U6HN Datasheet
554Kb / 5P
1200V 600A IGBT Module
MMG600K120U6TN MACMIC-MMG600K120U6TN Datasheet
320Kb / 5P
1200V 600A IGBT Module
MMG600WB120B6E4N MACMIC-MMG600WB120B6E4N Datasheet
1Mb / 6P
1200V 600A IGBT Module
MMG600WB120B6TC MACMIC-MMG600WB120B6TC Datasheet
358Kb / 6P
1200V 600A IGBT Module
MMG600WE120B6E4N MACMIC-MMG600WE120B6E4N Datasheet
367Kb / 6P
1200V 600A IGBT Module
MMG600K120U6TC MACMIC-MMG600K120U6TC Datasheet
1Mb / 6P
1200V 600A IGBT Module
June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com