Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG600K120U6TC Datasheet (PDF) - MacMic

MMG600K120U6TC Datasheet PDF - MacMic
Part # MMG600K120U6TC
Download  MMG600K120U6TC Download
File Size   1666.98 Kbytes
Page   6 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 1200V 600A IGBT Module

MMG600K120U6TC Datasheet (PDF)

Go To PDF Page Download Datasheet
MMG600K120U6TC Datasheet PDF - MacMic

Part # MMG600K120U6TC
Download  MMG600K120U6TC Click to download

File Size   1666.98 Kbytes
Page   6 Pages
Manufacturer  MACMIC [MacMic]
Direct Link  https://macmicst.com.tw
Logo MACMIC - MacMic
Description 1200V 600A IGBT Module

MMG600K120U6TC Datasheet (HTML) - MacMic


MMG600K120U6TC Product details

PRODUCT FEATURES
□ VCE(sat) with positive temperature coefficient
□ High short circuit capability
□ IGBT CHIP(Trench+Field Stop technology)
□ Fast switching and short tail current
□ Free wheeling diodes with fast and soft reverse recovery
□10KΩ Gate Protected Resistance Inside
□ Low switching losses

APPLICATIONS
□ High Power Converters
□ Medical applications
□ Motion/servo control
□ UPS systems/Wind Turbines




Similar Part No. - MMG600K120U6TC

ManufacturerPart #DatasheetDescription
logo
MacMic
MMG600K120U6TN MACMIC-MMG600K120U6TN Datasheet
320Kb / 5P
1200V 600A IGBT Module
More results


Similar Description - MMG600K120U6TC

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB600B12 NIEC-PDMB600B12 Datasheet
157Kb / 3P
IGBT MODULE Dual 600A 1200V
PHMB600B12 NIEC-PHMB600B12 Datasheet
113Kb / 3P
IGBT MODULE Single 600A 1200V
logo
Fuji Electric
1MBI600PX-120 FUJI-1MBI600PX-120_04 Datasheet
324Kb / 4P
IGBT Module P-Series 1200V / 600A 1 in one-package
2MBI600VE-120-50 FUJI-2MBI600VE-120-50 Datasheet
476Kb / 6P
IGBT MODULE (V series) 1200V / 600A / 2 in one package
logo
Micross Components
MIMMG600KR120U MICROSS-MIMMG600KR120U Datasheet
2Mb / 5P
1200V 600A IGBT Module RoHS Compliant
logo
MacMic
MMG600K120U6HN MACMIC-MMG600K120U6HN Datasheet
554Kb / 5P
1200V 600A IGBT Module
MMG600K120U6TN MACMIC-MMG600K120U6TN Datasheet
320Kb / 5P
1200V 600A IGBT Module
MMG600WB120B6E4N MACMIC-MMG600WB120B6E4N Datasheet
1Mb / 6P
1200V 600A IGBT Module
MMG600WB120B6TC MACMIC-MMG600WB120B6TC Datasheet
358Kb / 6P
1200V 600A IGBT Module
MMG600WE120B6E4N MACMIC-MMG600WE120B6E4N Datasheet
367Kb / 6P
1200V 600A IGBT Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com