Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDT608 Datasheet (PDF) - Nihon Inter Electronics Corporation

PDT608 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDT608
Download  PDT608 Download
File Size   250.95 Kbytes
Page   5 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description THYRISTOR MODULE 60A/800V

PDT608 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDT608 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDT608
Download  PDT608 Click to download

File Size   250.95 Kbytes
Page   5 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description THYRISTOR MODULE 60A/800V

PDT608 Datasheet (HTML) - Nihon Inter Electronics Corporation


PDT608 Product details

FEATURES

* Isolated Base

* Dual Thyristors or Thyristor and Diode

Cascaded Circuit

* High Surge Capability

* UL Recognized, File No. E187184




Similar Part No. - PDT608

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT608 NIEC-PDT608 Datasheet
245Kb / 4P
60A Avg 800 Volts
logo
Kyocera Kinseki Corpota...
PDT608 KSS-PDT608 Datasheet
338Kb / 4P
Thyristor
logo
Nihon Inter Electronics...
PDT608 NIEC-PDT608_1 Datasheet
245Kb / 4P
60A Avg 800 Volts
logo
National Instruments Co...
PDT608 NI-PDT608_15 Datasheet
245Kb / 4P
THYRISTOR
More results


Similar Description - PDT608

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT1008 NIEC-PDT1008 Datasheet
257Kb / 5P
THYRISTOR MODULE 100A / 800V
PE608N NIEC-PE608N Datasheet
193Kb / 3P
DIODE MODULE 60A/800V
PC608 NIEC-PC608 Datasheet
192Kb / 3P
DIODE MODULE 60A/800V
PCH608 NIEC-PCH608 Datasheet
248Kb / 5P
THYRISTOR MODULE 60A/800V
PCH1508 NIEC-PCH1508 Datasheet
256Kb / 5P
THYRISTOR MODULE 150A/800V
PDT2008 NIEC-PDT2008 Datasheet
262Kb / 5P
THYRISTOR MODULE 200A / 800V
PGH508AM NIEC-PGH508AM Datasheet
234Kb / 4P
THYRISTOR MODULE 50A / 800V
PGH758AM NIEC-PGH758AM Datasheet
234Kb / 4P
THYRISTOR MODULE 75A / 800V
PHT2508 NIEC-PHT2508 Datasheet
282Kb / 5P
THYRISTOR MODULE 250A / 800V
PHT4008 NIEC-PHT4008 Datasheet
289Kb / 5P
THYRISTOR MODULE 400A / 800V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com