Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDT608 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PDT608
Description  THYRISTOR MODULE 60A/800V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDT608 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PDT608 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDT608 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDT608 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDT608 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PDT608 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
THYRISTOR MODULE
Maximum Ratings
Approx Net Weight:155g
Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PDT/PDH608
Unit
Repetitive Peak Off-State Voltage
VDRM
800
Non Repetitive Peak Off-State Voltage
VDSM
960
V
Repetitive Peak Reverse Voltage
VRRM
800
Non Repetitive Peak Reverse Voltage
VRSM
960
V
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current
IO(AV)
50Hz Half Sine Wave condition
Tc=83
°C
60
A
RMS On-State Current
IT(RMS)
94
A
Surge On-State Current
ITSM
50 Hz Half Sine Wave,1Pulse,
Non-Repetitive
1200
A
I Squared t
I2t
2msec to 10msec
7200
A2s
Critical Rate of Turned-On Current
di/dt
VD=2/3VDRM, ITM=2•IO, Tj=125
°C
IG=200mA, diG/dt=0.2A/
µs
100
A/
µs
Peak Gate Power
PGM
5
W
Average Gate Power
PG(AV)
1
W
Peak Gate Current
IGM
2
A
Peak Gate Voltage
VGM
10
V
Peak Gate Reverse Voltage
VRGM
5
V
Operating JunctionTemperature Range
Tjw
-40 to +125
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminals, AC1min
2000
V
Case mounting
M5 Screw
2.4 to 2.8
Mounting torque
Terminals
Ftor
M5 Screw
2.4 to 2.8
N•m
Value per 1 Arm
FEATURES
* Isolated Base
* Dual Thyristors or Thyristor and Diode
Cascaded Circuit
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* Rectified For General Use
PDT 608
PDT 608
PDT 608
PDT 608
PDH608
PDH608
PDH608
PDH608
OUTLINE DRAWING
60A / 800V
PDT
PDH


Similar Part No. - PDT608

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT608 NIEC-PDT608 Datasheet
245Kb / 4P
60A Avg 800 Volts
logo
Kyocera Kinseki Corpota...
PDT608 KSS-PDT608 Datasheet
338Kb / 4P
Thyristor
logo
Nihon Inter Electronics...
PDT608 NIEC-PDT608_1 Datasheet
245Kb / 4P
60A Avg 800 Volts
logo
National Instruments Co...
PDT608 NI-PDT608_15 Datasheet
245Kb / 4P
THYRISTOR
More results

Similar Description - PDT608

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT1008 NIEC-PDT1008 Datasheet
257Kb / 5P
THYRISTOR MODULE 100A / 800V
PE608N NIEC-PE608N Datasheet
193Kb / 3P
DIODE MODULE 60A/800V
PC608 NIEC-PC608 Datasheet
192Kb / 3P
DIODE MODULE 60A/800V
PCH608 NIEC-PCH608 Datasheet
248Kb / 5P
THYRISTOR MODULE 60A/800V
PCH1508 NIEC-PCH1508 Datasheet
256Kb / 5P
THYRISTOR MODULE 150A/800V
PDT2008 NIEC-PDT2008 Datasheet
262Kb / 5P
THYRISTOR MODULE 200A / 800V
PGH508AM NIEC-PGH508AM Datasheet
234Kb / 4P
THYRISTOR MODULE 50A / 800V
PGH758AM NIEC-PGH758AM Datasheet
234Kb / 4P
THYRISTOR MODULE 75A / 800V
PHT2508 NIEC-PHT2508 Datasheet
282Kb / 5P
THYRISTOR MODULE 250A / 800V
PHT4008 NIEC-PHT4008 Datasheet
289Kb / 5P
THYRISTOR MODULE 400A / 800V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com