Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDT1518 Datasheet (PDF) - Nihon Inter Electronics Corporation

PDT1518 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PDT1518
Download  PDT1518 Download
File Size   323.87 Kbytes
Page   9 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description THYRISTOR MODULE 150A / 800V

PDT1518 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDT1518 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PDT1518
Download  PDT1518 Click to download

File Size   323.87 Kbytes
Page   9 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description THYRISTOR MODULE 150A / 800V

PDT1518 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PDT1518

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT1518 NIEC-PDT1518 Datasheet
372Kb / 3P
150A Avg 800 Volts
logo
Kyocera Kinseki Corpota...
PDT1518 KSS-PDT1518 Datasheet
1Mb / 4P
Thyristor
logo
Nihon Inter Electronics...
PDT1518 NIEC-PDT1518_1 Datasheet
372Kb / 3P
150A Avg 800 Volts
logo
National Instruments Co...
PDT1518 NI-PDT1518_15 Datasheet
372Kb / 3P
THYRISTOR
More results


Similar Description - PDT1518

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC1508 NIEC-PC1508 Datasheet
210Kb / 3P
DIODE MODULE 150A/800V
PCH1508 NIEC-PCH1508 Datasheet
256Kb / 5P
THYRISTOR MODULE 150A/800V
PD1518 NIEC-PD1518 Datasheet
172Kb / 6P
DIODE MODULE - 150A/800V
PDT15116 NIEC-PDT15116 Datasheet
323Kb / 9P
THYRISTOR MODULE 150A / 1600V
PGH508AM NIEC-PGH508AM Datasheet
234Kb / 4P
THYRISTOR MODULE 50A / 800V
PGH758AM NIEC-PGH758AM Datasheet
234Kb / 4P
THYRISTOR MODULE 75A / 800V
PHT2508 NIEC-PHT2508 Datasheet
282Kb / 5P
THYRISTOR MODULE 250A / 800V
PT150S8 NIEC-PT150S8 Datasheet
126Kb / 3P
DIODE MODULE 150A/800V
PT151S8 NIEC-PT151S8 Datasheet
50Kb / 5P
DIODE MODULE 150A/800V
logo
MacMic
MMK150X030DA MACMIC-MMK150X030DA Datasheet
268Kb / 3P
300V 150A Thyristor Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com