Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDT1518 Datasheet(PDF) 7 Page - Nihon Inter Electronics Corporation

Part # PDT1518
Description  THYRISTOR MODULE 150A / 800V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDT1518 Datasheet(HTML) 7 Page - Nihon Inter Electronics Corporation

  PDT1518 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDT1518 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDT1518 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDT1518 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PDT1518 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PDT1518 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PDT1518 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PDT1518 Datasheet HTML 8Page - Nihon Inter Electronics Corporation PDT1518 Datasheet HTML 9Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
-40 C
25 C
12 5C
PGM=5W
f >50Hz
du ty< 20%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com