Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK8902P Datasheet (PDF) - First Silicon Co., Ltd

FTK8902P Datasheet PDF - First Silicon Co., Ltd
Part # FTK8902P
Download  FTK8902P Download
File Size   869.25 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 80V N-Channel MOSFETs

FTK8902P Datasheet (PDF)

Go To PDF Page Download Datasheet
FTK8902P Datasheet PDF - First Silicon Co., Ltd

Part # FTK8902P
Download  FTK8902P Click to download

File Size   869.25 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 80V N-Channel MOSFETs

FTK8902P Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - FTK8902P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK8966A FS-FTK8966A Datasheet
1,014Kb / 5P
80V N-Channel MOSFETs
FTK8966D FS-FTK8966D Datasheet
884Kb / 5P
80V N-Channel MOSFETs
FTK8970P FS-FTK8970P Datasheet
921Kb / 5P
80V N-Channel MOSFETs
FTK8974DFN56 FS-FTK8974DFN56 Datasheet
1Mb / 5P
80V N-Channel MOSFETs
FTK8974P FS-FTK8974P Datasheet
1Mb / 5P
8 0V N-Channel MOSFETs
More results


Similar Description - FTK8902P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75542P3 FAIRCHILD-HUF75542P3 Datasheet
192Kb / 9P
75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75542P3 FAIRCHILD-HUFA75542P3 Datasheet
202Kb / 10P
75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75542P3 INTERSIL-HUF75542P3 Datasheet
166Kb / 11P
75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
June 2000
logo
Texas Instruments
CSD19506KCS TI1-CSD19506KCS Datasheet
476Kb / 10P
80V N-Channel NexFET Power MOSFETs
logo
First Silicon Co., Ltd
FTK8966D FS-FTK8966D Datasheet
884Kb / 5P
80V N-Channel MOSFETs
FTK8974DFN56 FS-FTK8974DFN56 Datasheet
1Mb / 5P
80V N-Channel MOSFETs
FTK8966A FS-FTK8966A Datasheet
1,014Kb / 5P
80V N-Channel MOSFETs
FTK8970P FS-FTK8970P Datasheet
921Kb / 5P
80V N-Channel MOSFETs
logo
FETek Technology Corp.
FKBA8024A FETEK-FKBA8024A Datasheet
592Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKP8016 FETEK-FKP8016 Datasheet
670Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com