Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FKBA8024A Datasheet (PDF) - FETek Technology Corp.

FKBA8024A Datasheet PDF - FETek Technology Corp.
Part # FKBA8024A
Download  FKBA8024A Download
File Size   592.76 Kbytes
Page   4 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description N-Ch 80V Fast Switching MOSFETs

FKBA8024A Datasheet (PDF)

Go To PDF Page Download Datasheet
FKBA8024A Datasheet PDF - FETek Technology Corp.

Part # FKBA8024A
Download  FKBA8024A Click to download

File Size   592.76 Kbytes
Page   4 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description N-Ch 80V Fast Switching MOSFETs

FKBA8024A Datasheet (HTML) - FETek Technology Corp.


FKBA8024A Product details

Description
The FKBA8024A is the high cell density trenched
N-ch MOSFETs, which provide excellent RDSON
and gate charge for most of the synchronous buck
converter applications.
The FKBA8024A meet the RoHS and Green
Product requirement, 100% EAS guaranteed with
full function reliability approved.




Similar Part No. - FKBA8024A

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA8008 FETEK-FKBA8008 Datasheet
350Kb / 4P
N-Ch 30V Fast Switching MOSFETs
Ver : A
FKBA8016 FETEK-FKBA8016 Datasheet
658Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKBA8048 FETEK-FKBA8048 Datasheet
460Kb / 4P
Single N-Channel MOSFET
Ver : A
FKBA8066 FETEK-FKBA8066 Datasheet
642Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKBA8070 FETEK-FKBA8070 Datasheet
513Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
More results


Similar Description - FKBA8024A

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA8016 FETEK-FKBA8016 Datasheet
658Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKBA8074A FETEK-FKBA8074A Datasheet
501Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : B
FKD8066 FETEK-FKD8066 Datasheet
679Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKH8024A FETEK-FKH8024A Datasheet
758Kb / 5P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKH8448 FETEK-FKH8448 Datasheet
642Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKP8016 FETEK-FKP8016 Datasheet
670Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKP8070 FETEK-FKP8070 Datasheet
512Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKR8014 FETEK-FKR8014 Datasheet
605Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKS8016 FETEK-FKS8016 Datasheet
646Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKS8048 FETEK-FKS8048 Datasheet
734Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com