Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FKBA8008 Datasheet (PDF) - FETek Technology Corp.

FKBA8008 Datasheet PDF - FETek Technology Corp.
Part # FKBA8008
Download  FKBA8008 Download
File Size   350.42 Kbytes
Page   4 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description N-Ch 30V Fast Switching MOSFETs

FKBA8008 Datasheet (PDF)

Go To PDF Page Download Datasheet
FKBA8008 Datasheet PDF - FETek Technology Corp.

Part # FKBA8008
Download  FKBA8008 Click to download

File Size   350.42 Kbytes
Page   4 Pages
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.
Description N-Ch 30V Fast Switching MOSFETs

FKBA8008 Datasheet (HTML) - FETek Technology Corp.


FKBA8008 Product details

Description
The FKBA8008 is the high cell density trenched
N-ch MOSFETs, which provide excellent
RDSON and gate charge for most of the
synchronous buck converter applications.
The FKBA8008 meet the RoHS and Green
Product requirement, 100% EAS guaranteed
with full function reliability approved.




Similar Part No. - FKBA8008

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA8016 FETEK-FKBA8016 Datasheet
658Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKBA8024A FETEK-FKBA8024A Datasheet
592Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKBA8048 FETEK-FKBA8048 Datasheet
460Kb / 4P
Single N-Channel MOSFET
Ver : A
FKBA8066 FETEK-FKBA8066 Datasheet
642Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKBA8070 FETEK-FKBA8070 Datasheet
513Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
More results


Similar Description - FKBA8008

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD3006 XINDEYI-UD3006 Datasheet
686Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD3010 XINDEYI-UD3010 Datasheet
716Kb / 4P
N-Ch 30V Fast Switching MOSFETs
logo
KODENSHI_AUK CORP.
SNN3530NL KODENSHI-SNN3530NL Datasheet
511Kb / 8P
N-ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3010D UPI-QM3010D Datasheet
236Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3004M3 UPI-QM3004M3 Datasheet
219Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3006D UPI-QM3006D Datasheet
230Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3006S UPI-QM3006S Datasheet
303Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3014M3 UPI-QM3014M3 Datasheet
222Kb / 4P
N-Ch 30V Fast Switching MOSFETs
QM3016M6 UPI-QM3016M6 Datasheet
184Kb / 4P
N-ch 30V Fast Switching MOSFETs
QM3018D UPI-QM3018D Datasheet
222Kb / 4P
N-Ch 30V Fast Switching MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com