Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FKBA8024A Datasheet(PDF) 2 Page - FETek Technology Corp.

Part # FKBA8024A
Description  N-Ch 80V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKBA8024A Datasheet(HTML) 2 Page - FETek Technology Corp.

  FKBA8024A Datasheet HTML 1Page - FETek Technology Corp. FKBA8024A Datasheet HTML 2Page - FETek Technology Corp. FKBA8024A Datasheet HTML 3Page - FETek Technology Corp. FKBA8024A Datasheet HTML 4Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKBA8024A
N-Ch 80V Fast Switching MOSFETs
22
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
80
---
---
V
△BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.059
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V , ID=30A
---
---
6.5
m
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
2
---
4
V
△VGS(th)
VGS(th) Temperature Coefficient
---
-4.6
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=64V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=64V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=5V , ID=30A
---
50
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
1.4
---
Qg
Total Gate Charge (10V)
VDS=64V , VGS=10V , ID=30A
---
83.7
---
nC
Qgs
Gate-Source Charge
---
28.6
---
Qgd
Gate-Drain Charge
---
29.3
---
Td(on)
Turn-On Delay Time
VDD=40V , VGS=10V , RG=3.3
,
ID=30A
---
38.1
---
ns
Tr
Rise Time
---
73.3
---
Td(off)
Turn-Off Delay Time
---
51.6
---
Tf
Fall Time
---
26.1
---
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
5580
---
pF
Coss
Output Capacitance
---
571
---
Crss
Reverse Transfer Capacitance
---
278
---
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,5
VG=VD=0V , Force Current
---
---
122
A
ISM
Pulsed Source Current
2,5
---
---
300
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=A , TJ=25℃
---
---
1.2
V
trr
Reverse Recovery Time
IF=30A , dI/dt=100A/µs , TJ=25℃
---
26.7
---
nS
Qrr
Reverse Recovery Charge
---
27.9
---
nC
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=70.2A
4.The power dissipation is limited by 150℃ junction temperature
5.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
6.Package limitation current is 90A.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com