Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHMB400A6 Datasheet (PDF) - Nihon Inter Electronics Corporation

PHMB400A6 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PHMB400A6
Download  PHMB400A6 Download
File Size   107.37 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE Single 400A 600V

PHMB400A6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHMB400A6 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PHMB400A6
Download  PHMB400A6 Click to download

File Size   107.37 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE Single 400A 600V

PHMB400A6 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PHMB400A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHMB400A6 NIEC-PHMB400A6 Datasheet
146Kb / 4P
400 A 600 V
PHMB400A6 NIEC-PHMB400A6_1 Datasheet
146Kb / 4P
400 A 600 V
More results


Similar Description - PHMB400A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB400A6 NIEC-PCHMB400A6 Datasheet
106Kb / 3P
IGBT MODULE Chopper 400A 600V
PCHMB400A6A NIEC-PCHMB400A6A Datasheet
106Kb / 3P
IGBT MODULE Chopper 400A 600V
PDMB400A6 NIEC-PDMB400A6 Datasheet
111Kb / 3P
IGBT MODULE Dual 400A 600V
PRHMB400A6 NIEC-PRHMB400A6 Datasheet
109Kb / 3P
IGBT MODULE Chopper 400A 600V
PRHMB400A6A NIEC-PRHMB400A6A Datasheet
109Kb / 3P
IGBT MODULE Chopper 400A 600V
logo
MacMic
MMG400D060B6TC MACMIC-MMG400D060B6TC Datasheet
1Mb / 6P
600V 400A IGBT Module
MMG400D060DE6EN MACMIC-MMG400D060DE6EN Datasheet
715Kb / 5P
600V 400A IGBT Module
MMG400D060B6EN MACMIC-MMG400D060B6EN Datasheet
265Kb / 5P
600V 400A IGBT Module
MMG400HB060B6EN MACMIC-MMG400HB060B6EN Datasheet
356Kb / 6P
600V 400A IGBT Module
MMG400Q060B6EN MACMIC-MMG400Q060B6EN Datasheet
265Kb / 5P
600V 400A IGBT Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com