Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHMB400A6 Datasheet (PDF) - Nihon Inter Electronics Corporation

PHMB400A6 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PHMB400A6
Download  PHMB400A6 Download
File Size   146.96 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 400 A 600 V

PHMB400A6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHMB400A6 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PHMB400A6
Download  PHMB400A6 Click to download

File Size   146.96 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description 400 A 600 V

PHMB400A6 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PHMB400A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHMB400A6 NIEC-PHMB400A6 Datasheet
107Kb / 3P
IGBT MODULE Single 400A 600V
More results


Similar Description - PHMB400A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB50A6 NIEC-PDMB50A6_1 Datasheet
147Kb / 4P
50 A 600 V
PDMB75A6 NIEC-PDMB75A6_1 Datasheet
142Kb / 4P
75 A 600 V
PDMB300A6 NIEC-PDMB300A6_1 Datasheet
149Kb / 4P
300 A 600 V
PDMB400A6 NIEC-PDMB400A6_1 Datasheet
147Kb / 4P
400 A 600 V
PDMB400B12 NIEC-PDMB400B12_1 Datasheet
195Kb / 3P
400 A 1200 V
PHMB600A6 NIEC-PHMB600A6_1 Datasheet
150Kb / 4P
600 A 600 V
logo
XP Power Limited
CCH400PS12 XPPOWER-CCH400PS12 Datasheet
580Kb / 2P
400/600 Watts
logo
Eaton All Rights Reserv...
1BS102 EATON-1BS102 Datasheet
549Kb / 2P
1BS102 modular fuse block, 600 V, 400 A
1BS103 EATON-1BS103 Datasheet
562Kb / 2P
1BS103 modular fuse block, 600 V, 400 A
logo
ON Semiconductor
S1GHE ONSEMI-S1GHE Datasheet
163Kb / 5P
Surface Mount Rectifiers, 1 A, 400 V - 600 V
April, 2020 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com