Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1836A Datasheet (PDF) - Analog Devices

AD1836A Datasheet PDF - Analog Devices
Part # AD1836A
Download  AD1836A Download
File Size   2288.92 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multichannel 96 kHz Codec

AD1836A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1836A Datasheet PDF - Analog Devices

Part # AD1836A
Download  AD1836A Click to download

File Size   2288.92 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multichannel 96 kHz Codec

AD1836A Datasheet (HTML) - Analog Devices


AD1836A Product details

PRODUCT OVERVIEW
The AD1836A is a high performance, single-chip codec that provides three stereo DACs and two stereo ADCs using ADI’s patented multibit Σ-∆ architecture. An SPI® port is included, allowing a microcontroller to adjust volume and many other parameters. The AD1836A operates from a 5 V supply, with provision for a separate output supply to interface with low voltage external circuitry. The AD1836A is available in a 52-lead MQFP (PQFP) package.

FEATURES
    5 V multichannel audio system
    Accepts 16-/18-/20-/24-bit data
    Supports 24-bit and 96 kHz sample rate
    Multibit Σ-∆ modulators with data directed
        scrambling
    Differential output for optimum performance
    ADCs: –92 dB THD + N, 105 dB SNR and dynamic range
    DACs: –95 dB THD + N, 108 dB SNR and dynamic range
    On-chip volume control with "auto-ramp" function
    Programmable gain amplifier for ADC input
    Hardware and software controllable clickless mute
    Digital de-emphasis processing
    Supports 256 × fS, 512 × fS, or 768 × fS master clock
    Power-down mode plus soft power-down mode
    Flexible serial data port with right justified, left justified, I2S
        compatible, and DSP serial port modes
    TDM interface mode supports 8 in/8 out using a single
        SHARC® SPORT
    52-lead MQFP (PQFP) plastic package

APPLICATIONS
    Home theater systems
    Automotive audio systems
    DVD recorders
    Set-top boxes
    Digital audio effects processors




Similar Part No. - AD1836A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1836A AD-AD1836A Datasheet
878Kb / 18P
Multichannel 96 kHz Codec
AD1836A AD-AD1836A Datasheet
312Kb / 24P
Multichannel 96 kHz Codec
REV. A
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
Multichannel 96 kHz Codec
REV. A
AD1836AASZRL AD-AD1836AASZRL Datasheet
312Kb / 24P
Multichannel 96 kHz Codec
REV. A
AD1836ACSZ AD-AD1836ACSZ Datasheet
312Kb / 24P
Multichannel 96 kHz Codec
REV. A
More results


Similar Description - AD1836A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4228 CIRRUS-CS4228 Datasheet
487Kb / 30P
24-Bit, 96 kHz Surround Sound Codec?
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
24-Bit, 96 kHz Surround Sound Codec?
logo
Analog Devices
AD1836 AD-AD1836 Datasheet
878Kb / 18P
Multichannel 96 kHz Codec
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
24-Bit, 96 kHz Surround Sound Codec
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
24-Bit 96 kHz Stereo Audio Codec
logo
Analog Devices
AD1836AASZ AD-AD1836AASZ Datasheet
312Kb / 24P
Multichannel 96 kHz Codec
REV. A
AD1836 AD-AD1836_15 Datasheet
884Kb / 18P
Multichannel 96 kHz Codec
REV. PrC
AD1836A AD-AD1836A_15 Datasheet
312Kb / 24P
Multichannel 96 kHz Codec
REV. A
logo
Texas Instruments
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com