Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRHMB50A6 Datasheet (PDF) - Nihon Inter Electronics Corporation

PRHMB50A6 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PRHMB50A6
Download  PRHMB50A6 Download
File Size   114.93 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE Chopper 50A 600V

PRHMB50A6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PRHMB50A6 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PRHMB50A6
Download  PRHMB50A6 Click to download

File Size   114.93 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE Chopper 50A 600V

PRHMB50A6 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PRHMB50A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB50A6 NIEC-PRHMB50A6 Datasheet
115Kb / 3P
50A 600V
PRHMB50A6A NIEC-PRHMB50A6A Datasheet
119Kb / 3P
IGBT MODULE Chopper 50A 600V
PRHMB50A6A NIEC-PRHMB50A6A Datasheet
127Kb / 3P
50A 600V
PRHMB50A6A NIEC-PRHMB50A6A_1 Datasheet
127Kb / 3P
50A 600V
PRHMB50A6 NIEC-PRHMB50A6_1 Datasheet
115Kb / 3P
50A 600V
More results


Similar Description - PRHMB50A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PBMB50A6 NIEC-PBMB50A6 Datasheet
109Kb / 3P
IGBT MODULE H_Bridge 50A 600V
PCHMB50A6 NIEC-PCHMB50A6 Datasheet
105Kb / 3P
IGBT MODULE Chopper 50A 600V
PCHMB50A6A NIEC-PCHMB50A6A Datasheet
119Kb / 3P
IGBT MODULE Chopper 50A 600V
PCHMB50B12 NIEC-PCHMB50B12 Datasheet
120Kb / 3P
IGBT MODULE Chopper 50A 1200V
PCHMB50B12A NIEC-PCHMB50B12A Datasheet
120Kb / 3P
IGBT MODULE Chopper 50A 1200V
PCHMB400A6A NIEC-PCHMB400A6A Datasheet
106Kb / 3P
IGBT MODULE Chopper 400A 600V
PDMB50A6 NIEC-PDMB50A6 Datasheet
108Kb / 3P
IGBT MODULE Dual 50A 600V
PRHMB50A6A NIEC-PRHMB50A6A Datasheet
119Kb / 3P
IGBT MODULE Chopper 50A 600V
PRHMB50B12 NIEC-PRHMB50B12 Datasheet
120Kb / 3P
IGBT MODULE Chopper 50A 1200V
PRHMB50B12A NIEC-PRHMB50B12A Datasheet
120Kb / 3P
IGBT MODULE Chopper 50A 1200V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com