Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBMB50A6 Datasheet (PDF) - Nihon Inter Electronics Corporation

PBMB50A6 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PBMB50A6
Download  PBMB50A6 Download
File Size   109.41 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE H_Bridge 50A 600V

PBMB50A6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBMB50A6 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PBMB50A6
Download  PBMB50A6 Click to download

File Size   109.41 Kbytes
Page   3 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT MODULE H_Bridge 50A 600V

PBMB50A6 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PBMB50A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PBMB50B12 NIEC-PBMB50B12 Datasheet
116Kb / 3P
IGBT MODULE H-Bridge 50A 1200V
PBMB50B12C NIEC-PBMB50B12C Datasheet
119Kb / 3P
IGBT MODULE H-Bridge 50A 1200V
logo
National Instruments Co...
PBMB50B12 NI-PBMB50B12_15 Datasheet
202Kb / 3P
竊뺧폁 竊∽펽竊묕폃竊먲폁竊
logo
Nihon Inter Electronics...
PBMB50E6 NIEC-PBMB50E6 Datasheet
265Kb / 4P
IGBT Module-H Bridge 50A, 600V
logo
National Instruments Co...
PBMB50E6 NI-PBMB50E6_15 Datasheet
265Kb / 4P
竊뺧폁 竊∽펽竊뽳폁竊먲섬
More results


Similar Description - PBMB50A6

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI50N-060 FUJI-2MBI50N-060 Datasheet
154Kb / 4P
IGBT(600V 50A)
6MBI50F-060 FUJI-6MBI50F-060 Datasheet
121Kb / 4P
IGBT(600V 50A)
logo
Nihon Inter Electronics...
PCHMB50A6 NIEC-PCHMB50A6 Datasheet
105Kb / 3P
IGBT MODULE Chopper 50A 600V
PCHMB50A6A NIEC-PCHMB50A6A Datasheet
119Kb / 3P
IGBT MODULE Chopper 50A 600V
PDMB50A6 NIEC-PDMB50A6 Datasheet
108Kb / 3P
IGBT MODULE Dual 50A 600V
PRHMB50A6 NIEC-PRHMB50A6 Datasheet
114Kb / 3P
IGBT MODULE Chopper 50A 600V
PRHMB50A6A NIEC-PRHMB50A6A Datasheet
119Kb / 3P
IGBT MODULE Chopper 50A 600V
PTMB50A6 NIEC-PTMB50A6 Datasheet
111Kb / 3P
IGBT MODULE Six-Pack 50A 600V
PBMB50E6 NIEC-PBMB50E6 Datasheet
265Kb / 4P
IGBT Module-H Bridge 50A, 600V
logo
Renesas Technology Corp
RJH60D7BDPQ-E0 RENESAS-RJH60D7BDPQ-E0_16 Datasheet
334Kb / 10P
600V - 50A - IGBT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com