Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB1545 Datasheet (PDF) - First Silicon Co., Ltd

SB1545 Datasheet PDF - First Silicon Co., Ltd
Part # SB1545
Download  SB1545 Download
File Size   307.83 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 45V 15 Amp Shottky Barrier Rectifier

SB1545 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB1545 Datasheet PDF - First Silicon Co., Ltd

Part # SB1545
Download  SB1545 Click to download

File Size   307.83 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 45V 15 Amp Shottky Barrier Rectifier

SB1545 Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - SB1545

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB1545 SEMIKRON-SB1545 Datasheet
161Kb / 3P
Schottky barrier rectifier diodes
logo
Sirectifier Global Corp...
SB1545 SIRECT-SB1545 Datasheet
184Kb / 3P
Power Schottky Rectifier - 15Amp 45~200Volt
logo
Leshan Radio Company
SB1545 LRC-SB1545 Datasheet
356Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
logo
Gulf Semiconductor
SB1545CT GULFSEMI-SB1545CT Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A
SB1545FCT GULFSEMI-SB1545FCT Datasheet
129Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 150A
More results


Similar Description - SB1545

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR30020 MCC-MBR30020 Datasheet
140Kb / 3P
300 Amp Rectifier 20 to 45V olts Schottky Barrier
logo
Rohm
RB451F_ ROHM-RB451F_ Datasheet
189Kb / 4P
Shottky barrier diode
RB480K ROHM-RB480K_1 Datasheet
205Kb / 4P
Shottky barrier diode
logo
Guangdong Kexin Industr...
RB715F KEXIN-RB715F Datasheet
42Kb / 1P
Shottky barrier diode
logo
Jinan Jingheng (Group) ...
1N17 JINANJINGHENG-1N17 Datasheet
102Kb / 2P
SHOTTKY BARRIER RECTIFIER
logo
Seme LAB
SB10-150SMD05 SEME-LAB-SB10-150SMD05 Datasheet
331Kb / 2P
SHOTTKY BARRIER RECTIFIER DIODE
logo
Gaomi Xinghe Electronic...
SR680 GXELECTRONICS-SR680 Datasheet
332Kb / 2P
SHOTTKY BARRIER RECTIFIER
logo
Rohm
RB491DT146 ROHM-RB491DT146 Datasheet
344Kb / 4P
Shottky barrier diode
logo
Solid States Devices, I...
RS0033 SSDI-RS0033 Datasheet
229Kb / 2P
SHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRD1220CT MCC-MBRD1220CT Datasheet
130Kb / 2P
12 Amp Schottky Rectifier 20V-45V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com