Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB1545CT Datasheet (PDF) - Gulf Semiconductor

SB1545CT Datasheet PDF - Gulf Semiconductor
Part # SB1545CT
Download  SB1545CT Download
File Size   122.15 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A

SB1545CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SB1545CT Datasheet PDF - Gulf Semiconductor

Part # SB1545CT
Download  SB1545CT Click to download

File Size   122.15 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A

SB1545CT Datasheet (HTML) - Gulf Semiconductor




Similar Part No. - SB1545CT

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB1545 SEMIKRON-SB1545 Datasheet
161Kb / 3P
Schottky barrier rectifier diodes
logo
Sirectifier Global Corp...
SB1545 SIRECT-SB1545 Datasheet
184Kb / 3P
Power Schottky Rectifier - 15Amp 45~200Volt
logo
Leshan Radio Company
SB1545 LRC-SB1545 Datasheet
356Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
logo
First Silicon Co., Ltd
SB1545 FS-SB1545 Datasheet
307Kb / 2P
45V 15 Amp Shottky Barrier Rectifier
logo
Gulf Semiconductor
SB1545FCT GULFSEMI-SB1545FCT Datasheet
129Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 150A
More results


Similar Description - SB1545CT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB345S GULFSEMI-SB345S Datasheet
105Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
SB1045CT GULFSEMI-SB1045CT Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 10.0A
SB1545FCT GULFSEMI-SB1545FCT Datasheet
129Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 150A
SB1645FCT GULFSEMI-SB1645FCT Datasheet
128Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 16.0A
SB2045CT GULFSEMI-SB2045CT Datasheet
115Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
SB2045FCT GULFSEMI-SB2045FCT Datasheet
115Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
SB3045CT GULFSEMI-SB3045CT Datasheet
123Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 30.0A
SB15100F GULFSEMI-SB15100F Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 15.0A
logo
Microdiode Semiconducto...
SL1545 CHENDA-SL1545 Datasheet
2Mb / 2P
15.0A SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
MBR1545PS PACELEADER-MBR1545PS Datasheet
390Kb / 1P
15.0A SCHOTTKY BARRIER RECTIFIERS 45V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com