Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB345S Datasheet (PDF) - Gulf Semiconductor

SB345S Datasheet PDF - Gulf Semiconductor
Part # SB345S
Download  SB345S Download
File Size   105.35 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A

SB345S Datasheet (PDF)

Go To PDF Page Download Datasheet
SB345S Datasheet PDF - Gulf Semiconductor

Part # SB345S
Download  SB345S Click to download

File Size   105.35 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A

SB345S Datasheet (HTML) - Gulf Semiconductor


SB345S Product details

FEATURE
    High current capability, Low forward voltage drop
    Low power loss, high efficiency
    High surge capability
    High temperature soldering guaranteed
    250°C /10sec/0.375" lead length at 5 lbs tension




Similar Part No. - SB345S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SB345 UTC-SB345 Datasheet
133Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB345-A GULFSEMI-SB345-A Datasheet
191Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
logo
Comchip Technology
SB345B-G COMCHIP-SB345B-G Datasheet
59Kb / 3P
Leaded Schottky Barrier Rectifiers
SB345EA-G COMCHIP-SB345EA-G Datasheet
60Kb / 3P
ESD Leaded Schottky Barrier Rectifiers
SB345EB-G COMCHIP-SB345EB-G Datasheet
60Kb / 3P
ESD Leaded Schottky Barrier Rectifiers
More results


Similar Description - SB345S

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB340S GULFSEMI-SB340S Datasheet
98Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 3.0A
SB345-A GULFSEMI-SB345-A Datasheet
191Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
SB360Q GULFSEMI-SB360Q Datasheet
100Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 3.0A
SB1045CT GULFSEMI-SB1045CT Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 10.0A
SB1545CT GULFSEMI-SB1545CT Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A
SB1545FCT GULFSEMI-SB1545FCT Datasheet
129Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 150A
SB1645FCT GULFSEMI-SB1645FCT Datasheet
128Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 16.0A
SB2045CT GULFSEMI-SB2045CT Datasheet
115Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
SB2045FCT GULFSEMI-SB2045FCT Datasheet
115Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
SB3045CT GULFSEMI-SB3045CT Datasheet
123Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 30.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com