Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB340S Datasheet (PDF) - Gulf Semiconductor

SB340S Datasheet PDF - Gulf Semiconductor
Part # SB340S
Download  SB340S Download
File Size   98.55 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 3.0A

SB340S Datasheet (PDF)

Go To PDF Page Download Datasheet
SB340S Datasheet PDF - Gulf Semiconductor

Part # SB340S
Download  SB340S Click to download

File Size   98.55 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 3.0A

SB340S Datasheet (HTML) - Gulf Semiconductor


SB340S Product details

FEATURE
    High current capability, Low forward voltage drop
    Low power loss, high efficiency
    High surge capability
    High temperature soldering guaranteed
    250°C /10sec/0.375" lead length at 5 lbs tension




Similar Part No. - SB340S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SB340S EIC-SB340S Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB340S VISHAY-SB340S Datasheet
98Kb / 4P
Schottky Barrier Rectifier
19-Oct-09
logo
EIC discrete Semiconduc...
SB340S EIC-SB340S Datasheet
44Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB340S VISHAY-SB340S Datasheet
72Kb / 4P
Schottky Barrier Rectifier
19-Oct-09
SB340S VISHAY-SB340S Datasheet
72Kb / 5P
Schottky Barrier Rectifier
19-Oct-09
More results


Similar Description - SB340S

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5820 GULFSEMI-1N5820 Datasheet
99Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 3.0A
SB34-A GULFSEMI-SB34-A Datasheet
191Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 3.0A
SB240A GULFSEMI-SB240A Datasheet
397Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 2.0A
SB345-A GULFSEMI-SB345-A Datasheet
191Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
SB345S GULFSEMI-SB345S Datasheet
105Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
SB360Q GULFSEMI-SB360Q Datasheet
100Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 3.0A
SB1040CT GULFSEMI-SB1040CT Datasheet
107Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 10.0A
SB3150 GULFSEMI-SB3150 Datasheet
117Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 3.0A
logo
Leshan Radio Company
1N5820 LRC-1N5820_12 Datasheet
205Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
logo
Shanghai Leiditech Elec...
1N5820 LEIDITECH-1N5820 Datasheet
583Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com