Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB34-A Datasheet (PDF) - Gulf Semiconductor

SB34-A Datasheet PDF - Gulf Semiconductor
Part # SB34-A
Download  SB34-A Download
File Size   191.44 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 3.0A

SB34-A Datasheet (PDF)

Go To PDF Page Download Datasheet
SB34-A Datasheet PDF - Gulf Semiconductor

Part # SB34-A
Download  SB34-A Click to download

File Size   191.44 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 3.0A

SB34-A Datasheet (HTML) - Gulf Semiconductor


SB34-A Product details

VOLTAGE: 40V CURRENT: 3.0A



FEATURE

• Plastic package has Underwriters Laboratory Flammability Classification 94V-0

• For surface mounted applications

• Low profile package

• Built-in strain relief

• Low power loss, high efficiency

• High current capability, low forward voltage drop

• High surge capability

• For use in low voltage high frequency inverters, free wheeling, and polarity protection applications

• Guard ring for over voltage protection

• High temperature soldering guaranteed: 250ºC /10 seconds at terminals



 




Similar Part No. - SB34-A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB34 GULFSEMI-SB34 Datasheet
219Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A
logo
Gaomi Xinghe Electronic...
SB34 GXELECTRONICS-SB34 Datasheet
487Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB340 PANJIT-SB340 Datasheet
54Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
SB340 TRSYS-SB340 Datasheet
154Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB340 WTE-SB340 Datasheet
46Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB34-A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3A DIODES-ES3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
B320 DIODES-B320_1 Datasheet
158Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
logo
Gulf Semiconductor
1N5820 GULFSEMI-1N5820 Datasheet
99Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 3.0A
SB32 GULFSEMI-SB32 Datasheet
219Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A
SB36L-A GULFSEMI-SB36L-A Datasheet
183Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 3.0A
SB310 GULFSEMI-SB310 Datasheet
138Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
SB310-B GULFSEMI-SB310-B Datasheet
139Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
SB340S GULFSEMI-SB340S Datasheet
98Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 3.0A
SB345-A GULFSEMI-SB345-A Datasheet
191Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
logo
Diodes Incorporated
B320 DIODES-B320_10 Datasheet
96Kb / 5P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 7 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com