Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB34 Datasheet (PDF) - Gulf Semiconductor

SB34 Datasheet PDF - Gulf Semiconductor
Part # SB34
Download  SB34 Download
File Size   219.65 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A

SB34 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB34 Datasheet PDF - Gulf Semiconductor

Part # SB34
Download  SB34 Click to download

File Size   219.65 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 3.0A

SB34 Datasheet (HTML) - Gulf Semiconductor


SB34 Product details

VOLTAGE:20 TO 60V CURRENT: 3.0A

FEATURE
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Low power loss, high efficiency
• High current capability, low forward voltage drop
• High surge capability
• For use in low voltage high frequency inverters, free wheeling, and polarity protection applications
• Guarding for over voltage protection
• High temperature soldering guaranteed: 250ºC /10 seconds at terminals




Similar Part No. - SB34

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SB34 GXELECTRONICS-SB34 Datasheet
487Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB34-A GULFSEMI-SB34-A Datasheet
191Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 3.0A
logo
Pan Jit International I...
SB340 PANJIT-SB340 Datasheet
54Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
SB340 TRSYS-SB340 Datasheet
154Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB340 WTE-SB340 Datasheet
46Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB34

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5820 GULFSEMI-1N5820 Datasheet
99Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 3.0A
SB340-E GULFSEMI-SB340-E Datasheet
96Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40 to 60V CURRENT: 3.0A
SB12 GULFSEMI-SB12 Datasheet
207Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 1.0A
SB22-A GULFSEMI-SB22-A Datasheet
255Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB36L-A GULFSEMI-SB36L-A Datasheet
183Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 3.0A
SB22 GULFSEMI-SB22 Datasheet
131Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
SB320 GULFSEMI-SB320 Datasheet
98Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
SB360Q GULFSEMI-SB360Q Datasheet
100Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 3.0A
SMA22 GULFSEMI-SMA22 Datasheet
255Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
logo
SHIKUES Electronics
SS36FL SKTECHNOLGY-SS36FL Datasheet
286Kb / 3P
Surface Mount Schottky Barrier Rectifier Reverse Voltage - 60V Forward Current - 3.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com