Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB3045CT Datasheet (PDF) - Gulf Semiconductor

SB3045CT Datasheet PDF - Gulf Semiconductor
Part # SB3045CT
Download  SB3045CT Download
File Size   123.3 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 30.0A

SB3045CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SB3045CT Datasheet PDF - Gulf Semiconductor

Part # SB3045CT
Download  SB3045CT Click to download

File Size   123.3 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 30.0A

SB3045CT Datasheet (HTML) - Gulf Semiconductor


SB3045CT Product details

SCHOTTKY BARRIER RECTIFIER

VOLTAGE: 45V CURRENT: 30.0A



FEATURE

 High current capability, Low forward voltage drop

 Low power loss, high efficiency

 High surge capability

 High temperature soldering guaranteed 250°C /10sec/0.375" lead length at 5 lbs tension



 




Similar Part No. - SB3045CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB3045CT PANJIT-SB3045CT Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SB3045CT FORMOSA-SB3045CT Datasheet
108Kb / 6P
Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
SB3045CT LUGUANG-SB3045CT Datasheet
1Mb / 2P
30A High Power Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
SB3045CT SUNMATE-SB3045CT Datasheet
626Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB3045CT WTE-SB3045CT Datasheet
56Kb / 4P
30A DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
More results


Similar Description - SB3045CT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB345-A GULFSEMI-SB345-A Datasheet
191Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
SB345S GULFSEMI-SB345S Datasheet
105Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
SB1045CT GULFSEMI-SB1045CT Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 10.0A
SB1545CT GULFSEMI-SB1545CT Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A
SB1545FCT GULFSEMI-SB1545FCT Datasheet
129Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 150A
SB1645FCT GULFSEMI-SB1645FCT Datasheet
128Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 16.0A
SB2045CT GULFSEMI-SB2045CT Datasheet
115Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
SB2045FCT GULFSEMI-SB2045FCT Datasheet
115Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 20.0A
logo
Zibo Seno Electronic En...
MBRF3040CT ZSELEC-MBRF3040CT Datasheet
322Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
SB3040PT ZSELEC-SB3040PT Datasheet
140Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com