Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB3045CT Datasheet (PDF) - Won-Top Electronics

SB3045CT Datasheet PDF - Won-Top Electronics
Part # SB3045CT
Download  SB3045CT Download
File Size   56.07 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30A DUAL SCHOTTKY BARRIER RECTIFIER

SB3045CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SB3045CT Datasheet PDF - Won-Top Electronics

Part # SB3045CT
Download  SB3045CT Click to download

File Size   56.07 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 30A DUAL SCHOTTKY BARRIER RECTIFIER

SB3045CT Datasheet (HTML) - Won-Top Electronics


SB3045CT Product details

Schottky Barrier Chip
Guard Ring for Transient Protection
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Current Capability
Epoxy Meets UL 94V-0 Classification
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - SB3045CT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB3045CT GULFSEMI-SB3045CT Datasheet
123Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 30.0A
logo
Pan Jit International I...
SB3045CT PANJIT-SB3045CT Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SB3045CT FORMOSA-SB3045CT Datasheet
108Kb / 6P
Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
SB3045CT LUGUANG-SB3045CT Datasheet
1Mb / 2P
30A High Power Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
SB3045CT SUNMATE-SB3045CT Datasheet
626Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SB3045CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2535CT DIODES-MBR2535CT Datasheet
65Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS31036 Rev. D-2
MBR3030PT DIODES-MBR3030PT Datasheet
64Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
S9004P2CT DIODES-S9004P2CT Datasheet
62Kb / 2P
30A SCHOTTKY BARRIER RECTIFIER
DS23027 Rev. P-5
logo
Won-Top Electronics
S30D30C WTE-S30D30C Datasheet
77Kb / 4P
30A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR3060CTP DIODES-MBR3060CTP Datasheet
87Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
DS31961 Rev. 2 - 2
MBR3030PT DIODES-MBR3030PT_15 Datasheet
68Kb / 3P
30A SCHOTTKY BARRIER RECTIFIER
Rev erse
MBRF3045CT DIODES-MBRF3045CT_15 Datasheet
491Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 4
MBRF30100CT DIODES-MBRF30100CT_15 Datasheet
215Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 5
SBL3060CTP DIODES-SBL3060CTP_15 Datasheet
78Kb / 4P
30A SCHOTTKY BARRIER RECTIFIER
Rev 6
logo
Wisdom technologies Int...
MBRF30150CT WISDOM-MBRF30150CT Datasheet
1Mb / 3P
30A SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com