Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB1045CT Datasheet (PDF) - Gulf Semiconductor

SB1045CT Datasheet PDF - Gulf Semiconductor
Part # SB1045CT
Download  SB1045CT Download
File Size   106.39 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 10.0A

SB1045CT Datasheet (PDF)

Go To PDF Page Download Datasheet
SB1045CT Datasheet PDF - Gulf Semiconductor

Part # SB1045CT
Download  SB1045CT Click to download

File Size   106.39 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 10.0A

SB1045CT Datasheet (HTML) - Gulf Semiconductor


SB1045CT Product details

FEATURE
    High current capability, Low forward voltage drop
    Low power loss, high efficiency
    High surge capability
    High temperature soldering guaranteed
    250°C /10sec/0.375" lead length at 5 lbs tension




Similar Part No. - SB1045CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1045CT WTE-SB1045CT Datasheet
50Kb / 4P
10A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1045CT PANJIT-SB1045CT Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1045CT PANJIT-SB1045CT Datasheet
54Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SB1045CT FORMOSA-SB1045CT Datasheet
107Kb / 6P
Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
SB1045CT LUGUANG-SB1045CT Datasheet
686Kb / 2P
10A High Power Schottky Barrier Rectifiers
More results


Similar Description - SB1045CT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB1040CT GULFSEMI-SB1040CT Datasheet
107Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 10.0A
SB1060CT GULFSEMI-SB1060CT Datasheet
91Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
SB1060FCT GULFSEMI-SB1060FCT Datasheet
94Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
SB10100CT GULFSEMI-SB10100CT Datasheet
155Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
SB10150FCT GULFSEMI-SB10150FCT Datasheet
123Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
SB10200CT GULFSEMI-SB10200CT Datasheet
113Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
SB10200FCT GULFSEMI-SB10200FCT Datasheet
118Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
logo
PACELEADER INDUSTRIAL
MBR1045LPS PACELEADER-MBR1045LPS Datasheet
452Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS 45V
MBR1045PS PACELEADER-MBR1045PS Datasheet
431Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS - 45V
MBR1045ULPS PACELEADER-MBR1045ULPS Datasheet
401Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS 45V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com