Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB10200FCT Datasheet (PDF) - Gulf Semiconductor

SB10200FCT Datasheet PDF - Gulf Semiconductor
Part # SB10200FCT
Download  SB10200FCT Download
File Size   118.21 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A

SB10200FCT Datasheet (PDF)

Go To PDF Page Download Datasheet
SB10200FCT Datasheet PDF - Gulf Semiconductor

Part # SB10200FCT
Download  SB10200FCT Click to download

File Size   118.21 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A

SB10200FCT Datasheet (HTML) - Gulf Semiconductor




Similar Part No. - SB10200FCT

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SB10200FCT FORMOSA-SB10200FCT Datasheet
105Kb / 6P
10A Power Schottky Barrier Rectifiers - 20V-200V
2014/08/15 Revision D
More results


Similar Description - SB10200FCT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB1040CT GULFSEMI-SB1040CT Datasheet
107Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 10.0A
SB1045CT GULFSEMI-SB1045CT Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 10.0A
SB1060CT GULFSEMI-SB1060CT Datasheet
91Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
SB1060FCT GULFSEMI-SB1060FCT Datasheet
94Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
SB10100CT GULFSEMI-SB10100CT Datasheet
155Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
SB10100FCT GULFSEMI-SB10100FCT Datasheet
205Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
SB10150CT GULFSEMI-SB10150CT Datasheet
109Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
SB10150FCT GULFSEMI-SB10150FCT Datasheet
123Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
SB10200CT GULFSEMI-SB10200CT Datasheet
113Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
logo
PACELEADER INDUSTRIAL
MBR10200CT PACELEADER-MBR10200CT Datasheet
362Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS 200V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com