Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB15100F Datasheet (PDF) - Gulf Semiconductor

SB15100F Datasheet PDF - Gulf Semiconductor
Part # SB15100F
Download  SB15100F Download
File Size   122.5 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 15.0A

SB15100F Datasheet (PDF)

Go To PDF Page Download Datasheet
SB15100F Datasheet PDF - Gulf Semiconductor

Part # SB15100F
Download  SB15100F Click to download

File Size   122.5 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 15.0A

SB15100F Datasheet (HTML) - Gulf Semiconductor


SB15100F Product details

FEATURE
    High current capability, Low forward voltage drop
    Low power loss, high efficiency
    High surge capability
    High temperature soldering guaranteed
    250°C /10sec/0.375" lead length at 5 lbs tension




Similar Part No. - SB15100F

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB15100 SEMIKRON-SB15100 Datasheet
161Kb / 3P
Schottky barrier rectifier diodes
logo
Micro Commercial Compon...
SB15100 MCC-SB15100 Datasheet
485Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Leshan Radio Company
SB15100 LRC-SB15100 Datasheet
356Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
logo
Micro Commercial Compon...
SB15100 MCC-SB15100 Datasheet
310Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Microdiode Semiconducto...
SB15100L CHENDA-SB15100L Datasheet
753Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev:2019A0
More results


Similar Description - SB15100F

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB10EQ GULFSEMI-SB10EQ Datasheet
427Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 1.0A
SB1545CT GULFSEMI-SB1545CT Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A
SB8100FCT GULFSEMI-SB8100FCT Datasheet
118Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 8.0A
SB10100CT GULFSEMI-SB10100CT Datasheet
155Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
SB10100FCT GULFSEMI-SB10100FCT Datasheet
205Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
SB20100 GULFSEMI-SB20100 Datasheet
123Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
SB20100CT GULFSEMI-SB20100CT Datasheet
125Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
SB20100CT-E GULFSEMI-SB20100CT-E Datasheet
124Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
logo
Microdiode Semiconducto...
SL1545 CHENDA-SL1545 Datasheet
2Mb / 2P
15.0A SCHOTTKY BARRIER RECTIFIER
SB1545L CHENDA-SB1545L Datasheet
2Mb / 2P
15.0A SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com