Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB8100FCT Datasheet (PDF) - Gulf Semiconductor

SB8100FCT Datasheet PDF - Gulf Semiconductor
Part # SB8100FCT
Download  SB8100FCT Download
File Size   118.42 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 8.0A

SB8100FCT Datasheet (PDF)

Go To PDF Page Download Datasheet
SB8100FCT Datasheet PDF - Gulf Semiconductor

Part # SB8100FCT
Download  SB8100FCT Click to download

File Size   118.42 Kbytes
Page   2 Pages
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 8.0A

SB8100FCT Datasheet (HTML) - Gulf Semiconductor


SB8100FCT Product details

FEATURE
    High current capability, Low forward voltage drop
    Low power loss, high efficiency
    High surge capability
    High temperature soldering guaranteed
    250°C /10sec/0.375" lead length at 5 lbs tension




Similar Part No. - SB8100FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB8100FCT PANJIT-SB8100FCT Datasheet
42Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 8 Ampere)
logo
Won-Top Electronics
SB8100FCT WTE-SB8100FCT Datasheet
49Kb / 4P
8.0A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB8100FCT PANJIT-SB8100FCT Datasheet
428Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SB8100FCT PACELEADER-SB8100FCT Datasheet
322Kb / 2P
ISOLATION SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB8100FCT WTE-SB8100FCT Datasheet
56Kb / 4P
8.0A DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
More results


Similar Description - SB8100FCT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB8150F WTE-SB8150F Datasheet
47Kb / 4P
8.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB10EQ GULFSEMI-SB10EQ Datasheet
427Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 1.0A
SB820 GULFSEMI-SB820 Datasheet
1Mb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 8.0A
SB10100CT GULFSEMI-SB10100CT Datasheet
155Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
SB10100FCT GULFSEMI-SB10100FCT Datasheet
205Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
SB15100F GULFSEMI-SB15100F Datasheet
122Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 15.0A
SB20100 GULFSEMI-SB20100 Datasheet
123Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
SB20100CT GULFSEMI-SB20100CT Datasheet
125Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
SB20100CT-E GULFSEMI-SB20100CT-E Datasheet
124Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
SB20100FCT GULFSEMI-SB20100FCT Datasheet
126Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com