Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6791TP Datasheet (PDF) - Maxim Integrated Products

MAX6791TP Datasheet PDF - Maxim Integrated Products
Part # MAX6791TP
Download  MAX6791TP Download
File Size   526.07 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions

MAX6791TP Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6791TP Datasheet PDF - Maxim Integrated Products

Part # MAX6791TP
Download  MAX6791TP Click to download

File Size   526.07 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions

MAX6791TP Datasheet (HTML) - Maxim Integrated Products


MAX6791TP Product details

General Description

The MAX6791–MAX6796 ultra-low-quiescent-current, single-/dual-output linear regulators are ideal for auto motive applications. The devices offer a wide 5V to 72V operating input range, allowing them to withstand automotive load-dump conditions while consuming only 68µA. The MAX6791–MAX6794 are dual-output regulators capable of supplying up to 150mA per output. The MAX6795/MAX6796 offer a single output capable of delivering up to 300mA. These devices offer standard output-voltage options (5V, 3.3V, 2.5V, or 1.8V) and can be adjusted to any voltage from 1.8V to 11V. The MAX6791–MAX6794 also offer a fixed 5V output.



Features

♦Low 68µA Quiescent Current

♦Wide 5V to 72V Supply Voltage Range

♦Output Current

Single Output Up to 300mA

Dual Outputs Up to 150mA per Output

♦Low Dropout Voltage

420mV (typ) at 100mA (Single)

840mV (typ) at 100mA (Dual)

♦Fixed Output-Voltage Options: 5V, 3.3V, 2.5V, 1.8V, or Adjustable Output (from 1.8V to 11V)

♦ENABLE and HOLD Functionality




Similar Part No. - MAX6791TP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6791TP MAXIM-MAX6791TP Datasheet
3Mb / 25P
High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
More results


Similar Description - MAX6791TP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6765 MAXIM-MAX6765 Datasheet
686Kb / 23P
Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765_0709 MAXIM-MAX6765_0709 Datasheet
295Kb / 23P
Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
Dual Micropower Low-Dropout Voltage Regulators
logo
Maxim Integrated Produc...
MAX6791 MAXIM-MAX6791_06 Datasheet
3Mb / 25P
High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
MAX6765 MAXIM-MAX6765_10 Datasheet
419Kb / 22P
Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6791 MAXIM-MAX6791_11 Datasheet
405Kb / 24P
High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 2; 10/11
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com