Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6791TP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6791TP
Description  High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6791TP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6791TP Datasheet HTML 1Page - Maxim Integrated Products MAX6791TP Datasheet HTML 2Page - Maxim Integrated Products MAX6791TP Datasheet HTML 3Page - Maxim Integrated Products MAX6791TP Datasheet HTML 4Page - Maxim Integrated Products MAX6791TP Datasheet HTML 5Page - Maxim Integrated Products MAX6791TP Datasheet HTML 6Page - Maxim Integrated Products MAX6791TP Datasheet HTML 7Page - Maxim Integrated Products MAX6791TP Datasheet HTML 8Page - Maxim Integrated Products MAX6791TP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
High-Voltage, Micropower, Single/Dual Linear
Regulators with Supervisory Functions
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 14V, CIN = 1µF, COUT = 10µF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.)
(Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All pins referenced to GND, unless otherwise noted.)
IN to GND ...............................................................-0.3V to +80V
ENABLE, ENABLE1, ENABLE2, PFI,
GATEP to GND ...........................................-0.3V to (IN + 0.3V)
GATEP to IN ...........................................................-12V to +0.3V
OUT, OUT1, OUT2, PFO, RESET (open-drain versions),
CSRT, CSWT .......................................................-0.3V to +12V
HOLD, RESET (push-pull versions), WDI, WDS0, WDS1,
WD-DIS, SET, SET1......................-0.3V to (OUT/OUT1 + 0.3V)
OUT, OUT1, OUT2 Short Circuit
to GND....................................................................Continuous
Maximum Current (all pins except IN and OUT_)...............50mA
Continuous Power Dissipation (TA = +70°C)
20-Pin TQFN (derate 33.3mW/°C above +70°C) .....2666.7mW
Operating Temperature Range (TA)..................-40°C to +125°C
Junction Temperature (TJ) .................................................150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VIN
572
V
Regulators on (ILOAD = 0mA), VIN = 8V
68
85
VIN = 8V, ILOAD = 300mA
(MAX6795/MAX6796)
130
220
VIN = 14V, ILOAD = 100mA
(MAX6795/MAX6796)
100
160
VIN = 8V, ILOAD1 = ILOAD2
= 150mA
(MAX6791–MAX6794)
130
220
Regulators on,
OUT/OUT1 =
OUT2 = 5V
VIN = 14V, ILOAD1 =
ILOAD2 = 50mA
(MAX6791–MAX6794)
100
160
Regulators on (ILOAD = 0mA), VIN = 42V
74
95
Supply Current
IIN
Regulators on (ILOAD = 20mA, total)
OUT1/OUT2/OUT = 5V, VIN = 42V
100
170
µA
Shutdown Supply Current
ISHDN
Regulators off, VIN = 14V
27
45
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com