Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM500012 Datasheet (PDF) - Tyco Electronics

AM500012 Datasheet PDF - Tyco Electronics
Part # AM500012
Download  AM500012 Download
File Size   347.52 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Dynamic Range LNA

AM500012 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM500012 Datasheet PDF - Tyco Electronics

Part # AM500012
Download  AM500012 Click to download

File Size   347.52 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description High Dynamic Range LNA

AM500012 Datasheet (HTML) - Tyco Electronics


AM500012 Product details

Description

M/A-COM’s AM50-0012 is a high dynamic range, GaAs

MMIC, low noise amplifier in a low-cost small footprint

3mm FQFP-N package. It employs external matching to

obtain optimum noise figure and intercept performance.

The AM50-0012 is operated with a supply voltage of +5V.



Features

Ideal for Base Station Applications

High Gain: 19 dB @ 2000 MHz

Low Noise Figure: 1.4 dB

High Input IP3: +13 dBm

Small Footprint 3mm FQFP-N Package




Similar Part No. - AM500012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM500011V6 MACOM-AM500011V6 Datasheet
182Kb / 4P
High Dynamic Range LNA
More results


Similar Description - AM500012

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2105ATS PHILIPS-CGY2105ATS Datasheet
83Kb / 16P
High dynamic range dual LNA MMIC
1999 Dec 23
logo
Tyco Electronics
AM50-0011 MACOM-AM50-0011 Datasheet
112Kb / 4P
High Dynamic Range LNA 800 - 1000 MHz
logo
NXP Semiconductors
CGY2106TS PHILIPS-CGY2106TS Datasheet
94Kb / 16P
High dynamic range dual LNA MMIC
2000 Aug 28
logo
Tyco Electronics
AM50-0011V6 MACOM-AM50-0011V6 Datasheet
182Kb / 4P
High Dynamic Range LNA
MAALSS0040 MACOM-MAALSS0040 Datasheet
184Kb / 3P
High Dynamic Range LNA 800 - 1000 MHz
MAALSS0045 MACOM-MAALSS0045 Datasheet
144Kb / 4P
High Dynamic Range LNA 1700 - 2400 MHz
AM50-0011 MACOM-AM50-0011_1 Datasheet
101Kb / 4P
High Dynamic Range LNA, 800-1000 MHz
AM50-0012 MACOM-AM50-0012_1 Datasheet
145Kb / 4P
High Dynamic Range LNA 1700-2400 MHz
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
high dynamic range
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com