Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1 Datasheet (PDF) - WJ Communication. Inc.

AH1 Datasheet PDF - WJ Communication. Inc.
Part # AH1
Download  AH1 Download
File Size   229.14 Kbytes
Page   5 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range Amplifier

AH1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH1 Datasheet PDF - WJ Communication. Inc.

Part # AH1
Download  AH1 Click to download

File Size   229.14 Kbytes
Page   5 Pages
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.
Description High Dynamic Range Amplifier

AH1 Datasheet (HTML) - WJ Communication. Inc.


AH1 Product details

Product Description

The AH1 is a high dynamic range amplifier in a low-cost surface-mount package. The combination of low noise figure and high output IP3 at the same bias point makes it ideal for receiver and transmitter applications. The device combines dependable performance with superb quality to maintain MTTF values exceeding 100 years at mounting temperatures of +85 °C. The AH1 is available in the environmentally-friendly lead-free/green/RoHS-compliant SOT-89 package.



Product Features

• 250 – 4000 MHz

• +41 dBm OIP3

• 3 dB Noise Figure

• 13.5 dB Gain

• +22 dBm P1dB

• Lead-free/Green/RoHS-compliant SOT-89 Package

• Single +5 V Supply

• MTTF > 100 years



Applications

• Mobile Infrastructure

• CATV / DBS

• W-LAN / Wi-Bro / WiMAX

• RFID

• Defense / Homeland Security

• Fixed Wireless




Similar Part No. - AH1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AH1 PANASONIC-AH1 Datasheet
1Mb / 5P
ULTRA-MINIATURE SWITCHES WITH HIGH PRECISION
logo
List of Unclassifed Man...
AH1-1 ETC-AH1-1 Datasheet
204Kb / 5P
High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
High Dynamic Range Amplifier
logo
List of Unclassifed Man...
AH1-1G ETC-AH1-1G Datasheet
204Kb / 5P
High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1G WJCI-AH1-1G Datasheet
231Kb / 5P
High Dynamic Range Amplifier
More results


Similar Description - AH1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH1-1 ETC-AH1-1 Datasheet
204Kb / 5P
High Dynamic Range Amplifier
AH11 ETC-AH11 Datasheet
127Kb / 6P
High Dynamic Range Amplifier
HE389A ETC1-HE389A Datasheet
97Kb / 1P
High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
High Dynamic Range Amplifier
AH2 WJCI-AH2 Datasheet
393Kb / 5P
High Dynamic Range Amplifier
AH11 WJCI-AH11 Datasheet
317Kb / 6P
High Dynamic Range Dual Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH2 TRIQUINT-AH2_15 Datasheet
190Kb / 5P
High Dynamic Range Amplifier
AH1-G TRIQUINT-AH1-G_15 Datasheet
655Kb / 5P
High Dynamic Range Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com