Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH11 Datasheet (PDF) - List of Unclassifed Manufacturers

AH11 Datasheet PDF - List of Unclassifed Manufacturers
Part # AH11
Download  AH11 Download
File Size   127.08 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Dynamic Range Amplifier

AH11 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH11 Datasheet PDF - List of Unclassifed Manufacturers

Part # AH11
Download  AH11 Click to download

File Size   127.08 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Dynamic Range Amplifier

AH11 Datasheet (HTML) - List of Unclassifed Manufacturers


AH11 Product details

[WJCI]

Product Description
The AH11 is a high power linear amplifier for use in digital communications systems. It combines low noise figure and high intercept point into a low cost SMT solution. This device extends the linear efficiency advantages of WJ’s AH1 to higher power levels. The device packaging allows for both balanced and push-pull operation. A mature and reliable GaAs MESFET technology is employed to maximize linearity at low power dissipation. The package is a thermally enhanced SOIC-8 and all devices are 100% RF tested.

Product Features
• 250-3000 MHz Bandwidth
• 44 dBm Output IP3 in a Balanced
   Configuration
• 47 dBm Output IP3 in a Push
   Pull Configuration
• 3.7 dB Noise Figure
• 12 dB Gain
• 27 dBm P1dB
• Surface Mount
• Thermally Enhanced SOIC-8 pkg
• Single +5 Volt Supply




Similar Part No. - AH11

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH11 WJCI-AH11 Datasheet
317Kb / 6P
High Dynamic Range Dual Amplifier
AH11-G WJCI-AH11-G Datasheet
317Kb / 6P
High Dynamic Range Dual Amplifier
logo
TriQuint Semiconductor
AH11-G TRIQUINT-AH11-G Datasheet
563Kb / 7P
High Dynamic Range Dual Amplifier
AH11-G TRIQUINT-AH11-G_15 Datasheet
563Kb / 7P
High Dynamic Range Dual Amplifier
logo
List of Unclassifed Man...
AH110 ETC-AH110 Datasheet
355Kb / 6P
0.2 Watt, High Linearity InGaP HBT Amplifier
More results


Similar Description - AH11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH1-1 ETC-AH1-1 Datasheet
204Kb / 5P
High Dynamic Range Amplifier
HE389A ETC1-HE389A Datasheet
97Kb / 1P
High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
AH1-1 WJCI-AH1-1 Datasheet
231Kb / 5P
High Dynamic Range Amplifier
AH2 WJCI-AH2 Datasheet
393Kb / 5P
High Dynamic Range Amplifier
AH11 WJCI-AH11 Datasheet
317Kb / 6P
High Dynamic Range Dual Amplifier
logo
M/A-COM Technology Solu...
AM-155-AMC-155 MA-COM-AM-155-AMC-155 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
AM-155-AMC-155 MA-COM-AM-155-AMC-155_15 Datasheet
83Kb / 3P
High Dynamic Range Amplifier
logo
TriQuint Semiconductor
AH2 TRIQUINT-AH2_15 Datasheet
190Kb / 5P
High Dynamic Range Amplifier
AH1-G TRIQUINT-AH1-G_15 Datasheet
655Kb / 5P
High Dynamic Range Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com