Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC1427 Datasheet (PDF) - Micrel Semiconductor

MIC1427 Datasheet PDF - Micrel Semiconductor
Part # MIC1427
Download  MIC1427 Download
File Size   557.25 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 1.2A-Peak Low-Side MOSFET Driver

MIC1427 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC1427 Datasheet PDF - Micrel Semiconductor

Part # MIC1427
Download  MIC1427 Click to download

File Size   557.25 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 1.2A-Peak Low-Side MOSFET Driver

MIC1427 Datasheet (HTML) - Micrel Semiconductor


MIC1427 Product details

General Description
The MIC4426/4427/4428 family are highly-reliable dual low-side MOSFET drivers fabricated on a BiCMOS/DMOS process for low power consumption and high efficiency. These drivers translate TTL or CMOS input logic levels to output voltage levels that swing within 25mV of the positive supply or ground. Comparable bipolar devices are capable of swinging only to within 1V of the supply. The MIC4426/7/8 is available in three configurations: dual inverting, dual noninverting, and one inverting plus one noninverting output.

Features
• Bipolar/CMOS/DMOS construction
• Latch-up protection to >500mA reverse current
• 1.5A-peak output current
• 4.5V to 18V operating range
• Low quiescent supply current 4mA at logic 1 input 400µA at logic 0 input
• Switches 1000pF in 25ns
• Matched rise and rall times
• 7Ω output impedance
• < 40ns typical delay
• Logic-input threshold independent of supply voltage
• Logic-input protection to –5V
• 6pF typical equivalent input capacitance
• 25mV max. output offset from supply or ground
• Replaces MIC426/427/428 and MIC1426/1427/1428
• Dual inverting, dual noninverting, and inverting/ noninverting configurations
• ESD protection

Applications
• MOSFET driver
• Clock line driver
• Coax cable driver
• Piezoelectic transducer driver




Similar Part No. - MIC1427

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC10937 MICREL-MIC10937 Datasheet
365Kb / 8P
V. F. Alphanumeric Display Controller
MIC10937J-40 MICREL-MIC10937J-40 Datasheet
365Kb / 8P
V. F. Alphanumeric Display Controller
MIC10937P-40 MICREL-MIC10937P-40 Datasheet
365Kb / 8P
V. F. Alphanumeric Display Controller
MIC10937P-50 MICREL-MIC10937P-50 Datasheet
365Kb / 8P
V. F. Alphanumeric Display Controller
MIC10937PE-40 MICREL-MIC10937PE-40 Datasheet
365Kb / 8P
V. F. Alphanumeric Display Controller
More results


Similar Description - MIC1427

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4467 MICREL-MIC4467 Datasheet
80Kb / 7P
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4123 MICREL-MIC4123 Datasheet
360Kb / 11P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423 MICREL-MIC4423_05 Datasheet
218Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4467 MICREL-MIC4467_05 Datasheet
205Kb / 8P
Quad 1.2A-Peak Low-Side MOSFET Driver
MIC4426 MICREL-MIC4426_05 Datasheet
269Kb / 9P
Dual 1.5A-Peak Low-Side MOSFET Driver
MIC4424YM MICREL-MIC4424YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM-TR MICREL-MIC4424YM-TR Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423ZN MICREL-MIC4423ZN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
logo
Microchip Technology
MIC4467 MICROCHIP-MIC4467 Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com