Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB2S Datasheet (PDF) - First Silicon Co., Ltd

LB2S Datasheet PDF - First Silicon Co., Ltd
Part # LB2S
Download  LB2S Download
File Size   158.15 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Low Profile: Typical height of 1.4mm

LB2S Datasheet (PDF)

Go To PDF Page Download Datasheet
LB2S Datasheet PDF - First Silicon Co., Ltd

Part # LB2S
Download  LB2S Click to download

File Size   158.15 Kbytes
Page   2 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Low Profile: Typical height of 1.4mm

LB2S Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - LB2S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LB2S GOOD-ARK-LB2S Datasheet
90Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
LB2S PFS-LB2S Datasheet
241Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Microdiode Semiconducto...
LB2S CHENDA-LB2S Datasheet
764Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
LB2S SUNMATE-LB2S Datasheet
394Kb / 2P
SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
LB2S CHENDA-LB2S Datasheet
813Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
More results


Similar Description - LB2S

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
50-215UMC-XXXXXXX-TR8 EVERLIGHT-50-215UMC-XXXXXXX-TR8 Datasheet
201Kb / 17P
Side View LEDs (Height 1.4mm)
logo
Integrated Technology F...
211152B ITF-211152B Datasheet
184Kb / 2P
Typical 1dB Bandwidth of 11.11MHz
Rev 1.0 2014. 03. 07
251557B ITF-251557B Datasheet
164Kb / 2P
Typical 1dB bandwidth of 14.5MHz
logo
Bruckewell Technology L...
SS10PU200S BWTECH-SS10PU200S Datasheet
464Kb / 4P
Very low profile - typical height of 1.1 mm
logo
ALPS ELECTRIC CO.,LTD.
SSSS8 ALPS-SSSS8_15 Datasheet
996Kb / 5P
A low-profile slide switch with 1.4mm thickness
logo
Raltron Electronics Cor...
CMC252 RALTRON-CMC252 Datasheet
731Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
CMC302 RALTRON-CMC302 Datasheet
732Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
CMC502 RALTRON-CMC502 Datasheet
731Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
CMC702 RALTRON-CMC702 Datasheet
731Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
logo
MMD Components
WC146SM MMD-WC146SM_18 Datasheet
118Kb / 2P
Ultra Low Profile with 1.4mm Height max
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com