Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1060CT Datasheet (PDF) - First Silicon Co., Ltd

MBR1060CT Datasheet PDF - First Silicon Co., Ltd
Part # MBR1060CT
Download  MBR1060CT Download
File Size   337.14 Kbytes
Page   3 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Dual Schottky Barrier Rectifier Reverse Voltage 60Volts , Forward Current 10A

MBR1060CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1060CT Datasheet PDF - First Silicon Co., Ltd

Part # MBR1060CT
Download  MBR1060CT Click to download

File Size   337.14 Kbytes
Page   3 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Dual Schottky Barrier Rectifier Reverse Voltage 60Volts , Forward Current 10A

MBR1060CT Datasheet (HTML) - First Silicon Co., Ltd


MBR1060CT Product details

Reverse Voltage 60Volts , Forward Current 10A

Features
◆ Plastic package has Underwriters Laboratory Flammability
   Classification 94V-0
◆ Dual rectifier construction, positive center tap
◆ Metal silicon junction, majority carrier conduction
◆ Low power loss, high efficiency
◆ Guardring for overvoltage protection
◆ For use in low voltage, high frequency inverters, free wheeling,
   and polarity protection applications
◆ High temperature soldering guaranteed:
   250°C/10 seconds, 0.25" (6.35mm) from case

Mechanical Data
◆ Case: JEDEC TO-220AB, TO-220F , TO-263AB molded
  plastic body
◆ Terminals: Plated leads, solderable per MIL-STD-750,
  Method 2026
◆ Polarity: As marked
◆ Mounting Position: Any
◆ Mounting Torque: 10 in-lbs maximum
◆ Weight: 0.08 ounce, 2.24 grams






Similar Part No. - MBR1060CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1060CT DIODES-MBR1060CT Datasheet
64Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. A-2
logo
Micro Commercial Compon...
MBR1060CT MCC-MBR1060CT Datasheet
647Kb / 2P
10 Am p Schott ky Barrier Rectifier 30-60 Volts
logo
Diodes Incorporated
MBR1060CT DIODES-MBR1060CT Datasheet
77Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
MBR1060CT TSC-MBR1060CT Datasheet
99Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR1060CT TSC-MBR1060CT Datasheet
169Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results


Similar Description - MBR1060CT

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MBR1040CT DACHANG-MBR1040CT Datasheet
134Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
MBRF1040CT DACHANG-MBRF1040CT Datasheet
124Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10A
logo
Hi-Sincerity Mocroelect...
HSBR10100CT HSMC-HSBR10100CT Datasheet
174Kb / 4P
Schottky Barrier Rectifiers (Reverse Voltage 100V to150V, Forward Current 10A)
logo
GOOD-ARK Electronics
SGC101BSA GOOD-ARK-SGC101BSA_15 Datasheet
211Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC101BS GOOD-ARK-SGC101BS_15 Datasheet
206Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 10A
SGC1045SA GOOD-ARK-SGC1045SA_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
logo
First Silicon Co., Ltd
TMBRF10100CT FS-TMBRF10100CT Datasheet
276Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 10A
MBR1045CT FS-MBR1045CT Datasheet
288Kb / 3P
Dual Schottky Barrier Rectifier Reverse Voltage 45Volts , Forward Current 10A
MBR10100CT FS-MBR10100CT Datasheet
321Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 10A
MBR10200CT FS-MBR10200CT Datasheet
227Kb / 3P
Dual Schottky Barrier Rectifier Reverse Voltage 200 Volts , Forward Current 10A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com