Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10100CT Datasheet (PDF) - First Silicon Co., Ltd

MBR10100CT Datasheet PDF - First Silicon Co., Ltd
Part # MBR10100CT
Download  MBR10100CT Download
File Size   321.87 Kbytes
Page   3 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 10A

MBR10100CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR10100CT Datasheet PDF - First Silicon Co., Ltd

Part # MBR10100CT
Download  MBR10100CT Click to download

File Size   321.87 Kbytes
Page   3 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 10A

MBR10100CT Datasheet (HTML) - First Silicon Co., Ltd


MBR10100CT Product details

Reverse Voltage 100 Volts , Forward Current 10A

Features
◆ Plastic package has Underwriters Laboratory Flammability
   Classification 94V-0
◆ Dual rectifier construction, positive center tap
◆ Metal silicon junction, majority carrier conduction
◆ Low power loss, high efficiency
◆ Guardring for overvoltage protection
◆ For use in low voltage, high frequency inverters, free wheeling,
   and polarity protection applications
◆ High temperature soldering guaranteed:
   250°C/10 seconds, 0.25" (6.35mm) from case

Mechanical Data
◆ Case: JEDEC TO-220AB, TO-220F , TO-263AB molded
   plastic body
◆ Terminals: Plated leads, solderable per MIL-STD-750,
   Method 2026
◆ Polarity: As marked
◆ Mounting Position: Any
◆ Mounting Torque: 10 in-lbs maximum
◆ Weight: 0.08 ounce, 2.24 grams




Similar Part No. - MBR10100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR10100CT DIODES-MBR10100CT Datasheet
64Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
logo
Micro Commercial Compon...
MBR10100CT MCC-MBR10100CT Datasheet
881Kb / 2P
10 Am p Schott ky Barrier Rectifier 80-100 Volts
logo
Vaishali Semiconductor
MBR10100CT VAISH-MBR10100CT Datasheet
83Kb / 3P
MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
logo
Vishay Siliconix
MBR10100CT VISHAY-MBR10100CT Datasheet
78Kb / 3P
Dual High-Voltage Schottky Rectifiers
24-Apr-03
logo
List of Unclassifed Man...
MBR10100CT ETC-MBR10100CT Datasheet
222Kb / 1P
10 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200Volts
More results


Similar Description - MBR10100CT

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSBR10100CT HSMC-HSBR10100CT Datasheet
174Kb / 4P
Schottky Barrier Rectifiers (Reverse Voltage 100V to150V, Forward Current 10A)
logo
First Silicon Co., Ltd
TMBRF10100CT FS-TMBRF10100CT Datasheet
276Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 10A
TMBRF20100CT FS-TMBRF20100CT Datasheet
402Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 20A
TMBRF30100CT FS-TMBRF30100CT Datasheet
337Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 30A
MBR1060CT FS-MBR1060CT Datasheet
337Kb / 3P
Dual Schottky Barrier Rectifier Reverse Voltage 60Volts , Forward Current 10A
MBR3060CT FS-MBR3060CT Datasheet
222Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 60 Volts Forward Current 30.0 Amperes
MBR10200CT FS-MBR10200CT Datasheet
227Kb / 3P
Dual Schottky Barrier Rectifier Reverse Voltage 200 Volts , Forward Current 10A
MBR30100CT FS-MBR30100CT Datasheet
246Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 30.0 Amperes
MBR40100CT FS-MBR40100CT Datasheet
245Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 40.0 Amperes
MBR4045CT FS-MBR4045CT Datasheet
406Kb / 6P
Dual Schottky Barrier Rectifiers Reverse Voltage 45 Volts , Forward Current 40A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com