Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB30100CT Datasheet (PDF) - First Silicon Co., Ltd

MBRB30100CT Datasheet PDF - First Silicon Co., Ltd
Part # MBRB30100CT
Download  MBRB30100CT Download
File Size   246.22 Kbytes
Page   3 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 30.0 Amperes

MBRB30100CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRB30100CT Datasheet PDF - First Silicon Co., Ltd

Part # MBRB30100CT
Download  MBRB30100CT Click to download

File Size   246.22 Kbytes
Page   3 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 30.0 Amperes

MBRB30100CT Datasheet (HTML) - First Silicon Co., Ltd


MBRB30100CT Product details

Reverse Voltage 100 Volts Forward Current 30.0 Amperes

Features
◆ Plastic package has Underwriters Laboratory Flammability
   Classification 94V-0
◆ Dual rectifier construction, positive center tap
◆ Metal silicon junction, majority carrier conduction
◆ Low power loss, high efficiency
◆ Guardring for overvoltage protection
◆ For use in low voltage, high frequency inverters, free wheeling,
   and polarity protection applications
◆ High temperature soldering guaranteed:
◆ 250°C/10 seconds, 0.25" (6.35mm) from case

Mechanical Data
◆ Case: JEDEC TO-220AB, TO-220F , TO-263AB molded plastic body
◆ Terminals: Plated leads, solderable per MIL-STD-750, Method 2026
◆ Polarity: As marked
◆ Mounting Position: Any
◆ Mounting Torque: 10 in-lbs maximum
◆ Weight: 0.08 ounce, 2.24 grams






Similar Part No. - MBRB30100CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MBRB30100CT GOOD-ARK-MBRB30100CT Datasheet
434Kb / 4P
Schottky Barrier Rectifier
logo
Micro Commercial Compon...
MBRB30100CT MCC-MBRB30100CT Datasheet
276Kb / 3P
30 Amp Schottky Barrier Rectifier 100 Volts
logo
SUNMATE electronic Co.,...
MBRB30100CT SUNMATE-MBRB30100CT Datasheet
2Mb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
RFE international
MBRB30100CTS RFE-MBRB30100CTS Datasheet
2Mb / 3P
Schottky Diodes
12-02-2022
More results


Similar Description - MBRB30100CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SB270 GOOD-ARK-SB270_15 Datasheet
138Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 70 to 100 Volts Forward Current 2.0 Amperes
logo
First Silicon Co., Ltd
TMBRF10100CT FS-TMBRF10100CT Datasheet
276Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 10A
TMBRF20100CT FS-TMBRF20100CT Datasheet
402Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 20A
TMBRF30100CT FS-TMBRF30100CT Datasheet
337Kb / 2P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 30A
MBR3060CT FS-MBR3060CT Datasheet
222Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 60 Volts Forward Current 30.0 Amperes
MBR10100CT FS-MBR10100CT Datasheet
321Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts , Forward Current 10A
MBR30150CT FS-MBR30150CT Datasheet
291Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 150 Volts Forward Current 30.0 Amperes
MBR30200CT FS-MBR30200CT Datasheet
292Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 200 Volts Forward Current 30.0 Amperes
MBR40100CT FS-MBR40100CT Datasheet
245Kb / 3P
Dual Schottky Barrier Rectifiers Reverse Voltage 100 Volts Forward Current 40.0 Amperes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com