Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK3N40D Datasheet (PDF) - First Silicon Co., Ltd

FTK3N40D Datasheet PDF - First Silicon Co., Ltd
Part # FTK3N40D
Download  FTK3N40D Download
File Size   642.1 Kbytes
Page   6 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 400V N-Channel MOSFETs

FTK3N40D Datasheet (PDF)

Go To PDF Page Download Datasheet
FTK3N40D Datasheet PDF - First Silicon Co., Ltd

Part # FTK3N40D
Download  FTK3N40D Click to download

File Size   642.1 Kbytes
Page   6 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 400V N-Channel MOSFETs

FTK3N40D Datasheet (HTML) - First Silicon Co., Ltd




Similar Part No. - FTK3N40D

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK3N40S FS-FTK3N40S Datasheet
689Kb / 6P
400V N-Channel MOSFETs
More results


Similar Description - FTK3N40D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
N-Channel Power MOSFETs, 5.5A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 15A, 350V/400V
IRF330-333 FAIRCHILD-IRF330-333 Datasheet
177Kb / 6P
N-Channel Power MOSFETs, 5.5A, 350 V/400V
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
N-Channel Power MOSFETs, 10A, 350V/400V
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
N-Channel Power MOSFETs, 15A, 350V/400V
IRF710-713 FAIRCHILD-IRF710-713 Datasheet
147Kb / 5P
N-Channel Power MOSFETs, 2.25A, 350-400V
logo
Intersil Corporation
IRFR320 INTERSIL-IRFR320 Datasheet
55Kb / 7P
3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs
July 1999
logo
New Jersey Semi-Conduct...
IRF340 NJSEMI-IRF340 Datasheet
89Kb / 2P
400V, N-CHANNEL
logo
First Silicon Co., Ltd
FTK3N40S FS-FTK3N40S Datasheet
689Kb / 6P
400V N-Channel MOSFETs
logo
Shindengen Electric Mfg...
P23F40HP2FM SHINDENGEN-P23F40HP2FM Datasheet
1Mb / 8P
Power MOSFETs 400V, 23A, N-channel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com