Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR320 Datasheet (PDF) - Intersil Corporation

IRFR320 Datasheet PDF - Intersil Corporation
Part # IRFR320
Download  IRFR320 Download
File Size   55.73 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs

IRFR320 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR320 Datasheet PDF - Intersil Corporation

Part # IRFR320
Download  IRFR320 Click to download

File Size   55.73 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs

IRFR320 Datasheet (HTML) - Intersil Corporation


IRFR320 Product details

These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 3.1A, 400V
• rDS(ON) = 1.800Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Similar Part No. - IRFR320

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR320 IRF-IRFR320 Datasheet
177Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=3.1A)
logo
Vishay Siliconix
IRFR320 VISHAY-IRFR320 Datasheet
1Mb / 8P
Power MOSFET
21-Jul-08
logo
Kersemi Electronic Co.,...
IRFR320 KERSEMI-IRFR320 Datasheet
3Mb / 7P
Power MOSFET
logo
Inchange Semiconductor ...
IRFR320 ISC-IRFR320 Datasheet
332Kb / 2P
iscN-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
IRFR320 DOINGTER-IRFR320 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - IRFR320

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ76 INTERSIL-BUZ76 Datasheet
42Kb / 5P
3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
October 1998
IRF720 INTERSIL-IRF720 Datasheet
54Kb / 7P
3.3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
July 1999
IRFD320 INTERSIL-IRFD320 Datasheet
50Kb / 6P
0.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
July 1999
IRFF320 INTERSIL-IRFF320 Datasheet
325Kb / 7P
2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
March 1999
IRFR9110 INTERSIL-IRFR9110 Datasheet
62Kb / 7P
3.1A, 100V, 1.200 Ohm, P-Channel Power MOSFETs
July 1999
RFH12N35 INTERSIL-RFH12N35 Datasheet
40Kb / 5P
12A, 350V and 400V, 0.380 Ohm, N-Channel Power MOSFETs
October 1998
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
September 1998
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
October 1998
RFM7N35 INTERSIL-RFM7N35 Datasheet
47Kb / 4P
7A, 350V and 400V, 0.75 Ohm, N-Channel Power MOSFETs
July 1998
logo
Shindengen Electric Mfg...
P23F40HP2FM SHINDENGEN-P23F40HP2FM Datasheet
1Mb / 8P
Power MOSFETs 400V, 23A, N-channel
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com