Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF320 Datasheet (PDF) - Intersil Corporation

IRFF320 Datasheet PDF - Intersil Corporation
Part # IRFF320
Download  IRFF320 Download
File Size   325.4 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET

IRFF320 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFF320 Datasheet PDF - Intersil Corporation

Part # IRFF320
Download  IRFF320 Click to download

File Size   325.4 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET

IRFF320 Datasheet (HTML) - Intersil Corporation


IRFF320 Product details

2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 2.5A, 400V
• rDS(ON) = 1.800Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRFF320

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFF320 IRF-IRFF320 Datasheet
135Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
More results


Similar Description - IRFF320

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
BUZ76 INTERSIL-BUZ76 Datasheet
42Kb / 5P
3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
October 1998
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
IRF720 INTERSIL-IRF720 Datasheet
54Kb / 7P
3.3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
July 1999
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
IRF820 INTERSIL-IRF820 Datasheet
54Kb / 7P
2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFET
July 1999
IRFD320 INTERSIL-IRFD320 Datasheet
50Kb / 6P
0.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
July 1999
IRFR320 INTERSIL-IRFR320 Datasheet
55Kb / 7P
3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com