Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF820 Datasheet (PDF) - Intersil Corporation

IRF820 Datasheet PDF - Intersil Corporation
Part # IRF820
Download  IRF820 Download
File Size   54.37 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFET

IRF820 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF820 Datasheet PDF - Intersil Corporation

Part # IRF820
Download  IRF820 Click to download

File Size   54.37 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFET

IRF820 Datasheet (HTML) - Intersil Corporation


IRF820 Product details

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Formerly developmental type TA17405.



Features

• 2.5A, 500V

• rDS(ON) = 3.000Ω

• Single Pulse Avalanche Energy Rated

• SOA is Power Dissipation Limited

• Nanosecond Switching Speeds

• Linear Transfer Characteristics

• High Input Impedance

• Related Literature

   - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”



 




Similar Part No. - IRF820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
IRF820 MOTOROLA-IRF820 Datasheet
140Kb / 2P
N-CHANNEL Enhancement-Mode Silicon Gate TMOS
logo
STMicroelectronics
IRF820 STMICROELECTRONICS-IRF820 Datasheet
92Kb / 8P
N - CHANNEL 500V - 2.5ohm - 2.5 A - TO-220 PowerMESH] MOSFET
Aug-1998
logo
Samsung semiconductor
IRF820 SAMSUNG-IRF820 Datasheet
322Kb / 6P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF820 FAIRCHILD-IRF820 Datasheet
157Kb / 5P
N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
logo
International Rectifier
IRF820 IRF-IRF820 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
More results


Similar Description - IRF820

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ41A INTERSIL-BUZ41A Datasheet
41Kb / 5P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
BUZ42 INTERSIL-BUZ42 Datasheet
41Kb / 5P
4A, 500V, 2.000 Ohm, N-Channel Power MOSFET
October 1998
BUZ45B INTERSIL-BUZ45B Datasheet
42Kb / 5P
10A, 500V, 0.500 Ohm, N-Channel Power MOSFET
October 1998
IRF430 INTERSIL-IRF430 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
IRF840 INTERSIL-IRF840 Datasheet
56Kb / 7P
8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
July 1999
IRFF320 INTERSIL-IRFF320 Datasheet
325Kb / 7P
2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
March 1999
IRFF420 INTERSIL-IRFF420 Datasheet
326Kb / 7P
1.6A, 500V, 3.000 Ohm, N-Channel Power MOSFET
March 1999
IRFF430 INTERSIL-IRFF430 Datasheet
325Kb / 7P
2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
IRFR420 INTERSIL-IRFR420 Datasheet
55Kb / 7P
2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
FDD3N50NZ FAIRCHILD-FDD3N50NZ Datasheet
550Kb / 8P
N-Channel MOSFET 500V, 2.5A, 2.5?
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com