Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF420 Datasheet (PDF) - Intersil Corporation

IRFF420 Datasheet PDF - Intersil Corporation
Part # IRFF420
Download  IRFF420 Download
File Size   326.05 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1.6A, 500V, 3.000 Ohm, N-Channel Power MOSFET

IRFF420 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFF420 Datasheet PDF - Intersil Corporation

Part # IRFF420
Download  IRFF420 Click to download

File Size   326.05 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1.6A, 500V, 3.000 Ohm, N-Channel Power MOSFET

IRFF420 Datasheet (HTML) - Intersil Corporation


IRFF420 Product details

1.6A, 500V, 3.000 Ohm, N-Channel Power MOSFET

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.
Formerly developmental type TA17405.

Features
• 1.6A, 500V
• rDS(ON) = 3.000Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
   - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRFF420

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFF420 SEME-LAB-IRFF420 Datasheet
26Kb / 2P
N-CHANNEL POWER MOSFET
More results


Similar Description - IRFF420

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
BUZ41A INTERSIL-BUZ41A Datasheet
41Kb / 5P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
BUZ42 INTERSIL-BUZ42 Datasheet
41Kb / 5P
4A, 500V, 2.000 Ohm, N-Channel Power MOSFET
October 1998
BUZ45B INTERSIL-BUZ45B Datasheet
42Kb / 5P
10A, 500V, 0.500 Ohm, N-Channel Power MOSFET
October 1998
IRF430 INTERSIL-IRF430 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
IRF820 INTERSIL-IRF820 Datasheet
54Kb / 7P
2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFET
July 1999
IRF840 INTERSIL-IRF840 Datasheet
56Kb / 7P
8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
July 1999
IRFF430 INTERSIL-IRFF430 Datasheet
325Kb / 7P
2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
July 1999
IRFR420 INTERSIL-IRFR420 Datasheet
55Kb / 7P
2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFETs
July 1999
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com