Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF430 Datasheet (PDF) - Intersil Corporation

IRFF430 Datasheet PDF - Intersil Corporation
Part # IRFF430
Download  IRFF430 Download
File Size   325.25 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET

IRFF430 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFF430 Datasheet PDF - Intersil Corporation

Part # IRFF430
Download  IRFF430 Click to download

File Size   325.25 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET

IRFF430 Datasheet (HTML) - Intersil Corporation


IRFF430 Product details

This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Features
• 2.75A, 500V
• rDS(ON) = 1.500Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
    - TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - IRFF430

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFF430 IRF-IRFF430 Datasheet
133Kb / 7P
HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
logo
Seme LAB
IRFF430 SEME-LAB-IRFF430 Datasheet
23Kb / 2P
N?밅HANNEL ENHANCEMENT
logo
New Jersey Semi-Conduct...
IRFF430 NJSEMI-IRFF430 Datasheet
96Kb / 2P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Similar Description - IRFF430

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ41A INTERSIL-BUZ41A Datasheet
41Kb / 5P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
IRF430 INTERSIL-IRF430 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
June 1999
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
IRFD210 INTERSIL-IRFD210 Datasheet
52Kb / 6P
0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
logo
Fairchild Semiconductor
2N6784 FAIRCHILD-2N6784 Datasheet
90Kb / 7P
2.25A, 200V, 1.500 Ohm, N-Channel Power MOSFET
logo
Harris Corporation
BUZ41A HARRIS-BUZ41A Datasheet
45Kb / 5P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRF430 NJSEMI-IRF430 Datasheet
153Kb / 3P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com