Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF430 Datasheet(PDF) 1 Page - Intersil Corporation

Part # IRFF430
Description  2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF430 Datasheet(HTML) 1 Page - Intersil Corporation

  IRFF430 Datasheet HTML 1Page - Intersil Corporation IRFF430 Datasheet HTML 2Page - Intersil Corporation IRFF430 Datasheet HTML 3Page - Intersil Corporation IRFF430 Datasheet HTML 4Page - Intersil Corporation IRFF430 Datasheet HTML 5Page - Intersil Corporation IRFF430 Datasheet HTML 6Page - Intersil Corporation IRFF430 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
File Number
1894.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
IRFF430
2.75A, 500V, 1.500 Ohm, N-Channel
Power MOSFET
This N-Channel enhancement mode silicon gate power field
effect transistor is an advanced power MOSFET designed,
tested, and guaranteed to withstand a specified level of
energy in the breakdown avalanche mode of operation. All of
these power MOSFETs are designed for applications such
as switching regulators, switching convertors, motor drivers,
relay drivers, and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These types can be operated directly from integrated
circuits.
Formerly developmental type TA17415.
Features
• 2.75A, 500V
•rDS(ON) = 1.500Ω
• Single Pulse Avalanche Energy Rated
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Symbol
Packaging
JEDEC TO-205AF
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRFF430
TO-205AF
IRFF430
NOTE: When ordering, include the entire part number.
D
G
S
SOURCE
GATE
DRAIN
(CASE)
Data Sheet
March 1999


Similar Part No. - IRFF430

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFF430 IRF-IRFF430 Datasheet
133Kb / 7P
HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
logo
Seme LAB
IRFF430 SEME-LAB-IRFF430 Datasheet
23Kb / 2P
N?밅HANNEL ENHANCEMENT
logo
New Jersey Semi-Conduct...
IRFF430 NJSEMI-IRFF430 Datasheet
96Kb / 2P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - IRFF430

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ41A INTERSIL-BUZ41A Datasheet
41Kb / 5P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
IRF430 INTERSIL-IRF430 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
IRF610 INTERSIL-IRF610 Datasheet
55Kb / 7P
3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET
June 1999
IRF830 INTERSIL-IRF830 Datasheet
56Kb / 7P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
IRFD210 INTERSIL-IRFD210 Datasheet
52Kb / 6P
0.6A, 200V, 1.500 Ohm, N-Channel Power MOSFET
July 1999
IRFF210 INTERSIL-IRFF210 Datasheet
325Kb / 7P
2.2A, 200V, 1.500 Ohm, N-Channel Power MOSFET
March 1999
logo
Fairchild Semiconductor
2N6784 FAIRCHILD-2N6784 Datasheet
90Kb / 7P
2.25A, 200V, 1.500 Ohm, N-Channel Power MOSFET
logo
Harris Corporation
BUZ41A HARRIS-BUZ41A Datasheet
45Kb / 5P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRF430 NJSEMI-IRF430 Datasheet
153Kb / 3P
4.5A, 500V, 1.500 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com