Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBC1100 Datasheet (PDF) - SMSC Corporation

KBC1100 Datasheet PDF - SMSC Corporation
Part # KBC1100
Download  KBC1100 Download
File Size   564.78 Kbytes
Page   6 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT

KBC1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBC1100 Datasheet PDF - SMSC Corporation

Part # KBC1100
Download  KBC1100 Click to download

File Size   564.78 Kbytes
Page   6 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT

KBC1100 Datasheet (HTML) - SMSC Corporation


KBC1100 Product details

General Description

The KBC1100 is an integrated Keyboard/System Management Controller which incorporates a high performance 8051 Micro-Controller, an LPC Bus Interface which provides a Firmware Hub Interface and integrated Super I/O/LPC Resources. The KBC1100 is powered by two separate supply planes (VCC1, VCC0) to provide “instant on” and sophisticated system power management functions. The KBC1100 power control circuitry supports multiple low power-down modes.



PRODUCT FEATURES

■ 3.3V Operation with 5V Tolerant Buffers

■ ACPI 1.0b/2.0 and PC99a/PC2001 Compliant

■ LPC Interface with Clock Run Support

   — Serial IRQ Interface Compatible with Serialized IRQ Support for PCI Systems

   — 15 Direct IRQs

   — Three 8-Bit DMA Channels

   — ACPI SCI Interface

   — nSMI

   — Shadowed write only registers

■ LPC/Firmware Hub Host Flash Interface

   — Single Byte FWH Memory Read and FWH Memory Write Support

   — FWH ID Support

   — 16MB FWH Flash and Register Addressing, 128K Legacy BIOS Addressing

   — Single Byte LPC Memory Read and LPC Memory Write Support

■ Serial Peripheral Interface (SPI)

   — 3-pin Full Duplex serial communication interface.

   — Dual Ported Controller with Keeper Circuit

■ 8 MByte Shared FlashROM Interface (SFI)

   — 8051/Host CPU Hardware Arbitrated Interface

   — 0.5 - 8MB - Host System BIOS & 8051 Keyboard

   — 8051 64KB Code Space Accessible as Separate 32KB Pages in Flash

   — Low-Power Flash Access Modes

   — 8051-Programmable Flash Access Protection

   – Read/Write/No-Access Protection

   – Variable Bank Sizes

■ Host Flash Address Redirection for Recovery

■ Serial Flash Programming Interface

■ Two Power Planes

   — Low Standby Current in Sleep Mode

   — Intelligent Auto Power Management for Super I/O

   — Main powered blocks power supplied by standby power plane and controlled by power management signals

■ 3-Port ACPI Embedded Controller Interface

■ Configuration Register Set

   — Compatible with ISA Plug-and-Play Standard (Version 1.0a)

   — Four Pin Selectable Addressing Options

   — 8051-Programmable Base Address

■ High-Performance Embedded 8051 Keyboard and System Controller

   — Provides System Power Management

   — System Watch Dog Timer (WDT)

   — 8042 Style Host Interface Relocatable to 480 Different Base I/O Addresses

   — Supports Interrupt and Polling Access

   — Interrupt Accelerator

   — 512 Bytes Data RAM

   — 2 Kilobytes Scratch ROM/RAM

   — On-Chip Memory-Mapped Control Registers

   — Up to 18x8 Keyboard Scan Matrix

   — Two 16 Bit Timer/Counters

   — Eleven 8051 Interrupt Sources

   — Thirty-Two 8-Bit, Host/8051 Mailbox Registers

   — Thirty-six Maskable Hardware Wake-Up Events

   — Fast GATEA20

   — Fast CPU_RESET

   — Multiple Clock Sources and Operating Frequencies up to 32MHz

   — IDLE and SLEEP Modes

   — Low Power Fail-Safe Ring Oscillator ±10% Accuracy

   — Hibernation Timer with programmable wake-up from 0.5ms to 128 minutes

   — 8051-Driven 16550A UART

   – 16-Byte Send/Receive FIFOs

   – External Baud Clock Option

   — Power-Fail Status Register

■ Advanced Infrared Communications Controller (IRCC 2.0)

   — IrDA V1.2 (4Mbps), HPSIR, ASKIR, Consumer IR Support

   — Two IR Ports

   — Relocatable Base I/O Address



 




Similar Part No. - KBC1100

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
KBC1100L SMSC-KBC1100L Datasheet
243Kb / 6P
MOBILE KBC WITH SFI ADC AND DAC WITH SMSC SENTINELALERT
KBC1100L-PE SMSC-KBC1100L-PE Datasheet
243Kb / 6P
MOBILE KBC WITH SFI ADC AND DAC WITH SMSC SENTINELALERT
More results


Similar Description - KBC1100

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
DME1737 SMSC-DME1737 Datasheet
176Kb / 5P
SUPER I/O WITH TEMPERATURE
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
KBC1100L SMSC-KBC1100L Datasheet
243Kb / 6P
MOBILE KBC WITH SFI ADC AND DAC WITH SMSC SENTINELALERT
KBC1122 SMSC-KBC1122 Datasheet
591Kb / 5P
MOBILE KBC WITH SUPER I/O, SFI, ADC AND DAC WITH SMSC SENTINELALERT
KBC1102 SMSC-KBC1102 Datasheet
589Kb / 5P
LEGACY FREE MOBILE KBC WITH SFI, ADC AND DAC WITH SMSC SENTINELALERT
SIO1036 SMSC-SIO1036 Datasheet
365Kb / 4P
Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000 SMSC-SIO1000_07 Datasheet
202Kb / 5P
Super I/O with LPC Interface with FIR and Consumer IR Support
KBC1122 SMSC-KBC1122_07 Datasheet
608Kb / 5P
Mobile KBC with Super I/O, SFI, ADC and DAC with SMSC SentinelAlert
logo
Linear Technology
LTC2757 LINER-LTC2757 Datasheet
264Kb / 20P
18-Bit SoftSpan IOUT DAC with Parallel I/O
logo
AAEON Technology
SRG-ADIO AAEON-SRG-ADIO Datasheet
614Kb / 2P
Standard IoT Gateway System With ADC and Digital I/O Function
2022/10/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com